Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 235 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 235 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 231Page - Texas Instruments PCI7421 Datasheet HTML 232Page - Texas Instruments PCI7421 Datasheet HTML 233Page - Texas Instruments PCI7421 Datasheet HTML 234Page - Texas Instruments PCI7421 Datasheet HTML 235Page - Texas Instruments PCI7421 Datasheet HTML 236Page - Texas Instruments PCI7421 Datasheet HTML 237Page - Texas Instruments PCI7421 Datasheet HTML 238Page - Texas Instruments PCI7421 Datasheet HTML 239Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 298 page
background image
10−5
Table 10−4. Page 0 (Port Status) Register Field Descriptions (Continued)
FIELD
SIZE
TYPE
DESCRIPTION
Int_enable
1
RW
Port event interrupt enable. When the Int_enable bit is set to 1, a port event on the selected port sets the port
event interrupt (Port_event) bit and notifies the link. This bit is cleared to 0 by a system (hardware) reset and
is unaffected by bus reset.
Fault
1
RW
Fault. This bit indicates that a resume-fault or suspend-fault has occurred on the selected port, and that the
port is in the suspended state. A resume-fault occurs when a resuming port fails to detect incoming cable
bias from its attached peer. A suspend-fault occurs when a suspending port continues to detect incoming
cable bias from its attached peer. Writing 1 to this bit clears the fault bit to 0. This bit is cleared to 0 by system
(hardware) reset and is unaffected by bus reset.
10.3 Vendor Identification Register
The vendor identification page identifies the vendor/manufacturer and compliance level. The page is selected by
writing 1 to the Page_Select field in base register 7. Table 10−5 shows the configuration of the vendor identification
page, and Table 10−6 shows the corresponding field descriptions.
Table 10−5. Page 1 (Vendor ID) Register Configuration
BIT POSITION
ADDRESS
0
1
2
3
4
5
6
7
1000
Compliance
1001
Reserved
1010
Vendor_ID[0]
1011
Vendor_ID[1]
1100
Vendor_ID[2]
1101
Product_ID[0]
1110
Product_ID[1]
1111
Product_ID[2]
Table 10−6. Page 1 (Vendor ID) Register Field Descriptions
FIELD
SIZE
TYPE
DESCRIPTION
Compliance
8
R
Compliance level. For the PCI7x21/PCI7x11 controller this field is 01h, indicating compliance with IEEE Std
1394a-2000.
Vendor_ID
24
R
Manufacturer’s organizationally unique identifier (OUI). For the PCI7x21/PCI7x11 controller this field is
08 0028h (Texas Instruments) (the MSB is at register address 1010b).
Product_ID
24
R
Product identifier. For the PCI7x21/PCI7x11 controller this field is 42 4499h (the MSB is at register address
1101b).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com