Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 233 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 233 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 229Page - Texas Instruments PCI7421 Datasheet HTML 230Page - Texas Instruments PCI7421 Datasheet HTML 231Page - Texas Instruments PCI7421 Datasheet HTML 232Page - Texas Instruments PCI7421 Datasheet HTML 233Page - Texas Instruments PCI7421 Datasheet HTML 234Page - Texas Instruments PCI7421 Datasheet HTML 235Page - Texas Instruments PCI7421 Datasheet HTML 236Page - Texas Instruments PCI7421 Datasheet HTML 237Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 298 page
background image
10−3
Table 10−2. Base Register Field Descriptions (Continued)
FIELD
SIZE
TYPE
DESCRIPTION
ISBR
1
R/W
Initiate short arbitrated bus reset. This bit, if set to 1, instructs the PHY layer to initiate a short (1.3
µs)
arbitrated bus reset at the next opportunity. This bit is cleared to 0 by a bus reset.
NOTE: Legacy IEEE Std 1394-1995 compliant PHY layers can not be capable of performing short bus
resets. Therefore, initiation of a short bus reset in a network that contains such a legacy device results in a
long bus reset being performed.
Loop
1
R/W
Loop detect. This bit is set to 1 when the arbitration controller times out during tree-ID start and may indicate
that the bus is configured in a loop. This bit is cleared to 0 by system (hardware) reset or by writing a 1 to this
register bit.
If the Loop and Watchdog bits are both set and the LLC is or becomes inactive, the PHY layer activates the
LLC to service the interrupt.
NOTE: If the network is configured in a loop, only those nodes which are part of the loop generate a
configuration-timeout interrupt. All other nodes instead time out waiting for the tree-ID and/or self-ID process
to complete and then generate a state time-out interrupt and bus-reset.
Pwr_fail
1
R/W
Cable power failure detect. This bit is set to 1 whenever the CPS input transitions from high to low indicating
that cable power may be too low for reliable operation. This bit is cleared to 0 by system (hardware) reset or
by writing a 1 to this register bit.
Timeout
1
R/W
State time-out interrupt. This bit indicates that a state time-out has occurred (which also causes a bus reset
to occur). This bit is cleared to 0 by system (hardware) reset or by writing a 1 to this register bit.
Port_event
1
R/W
Port event detect. This bit is set to 1 upon a change in the bias (unless disabled) connected, disabled, or fault
bits for any port for which the port interrupt enable (Int_enable) bit is set. Additionally, if the Watchdog bit is
set, the Port_event bit is set to 1 at the start of resume operations on any port. This bit is cleared to 0 by
system (hardware) reset or by writing a 1 to this register bit.
Enab_accel
1
R/W
Enable accelerated arbitration. This bit enables the PHY layer to perform the various arbitration acceleration
enhancements defined in IEEE Std 1394a-2000 (ACK-accelerated arbitration, asynchronous fly-by
concatenation, and isochronous fly-by concatenation). This bit is cleared to 0 by system (hardware) reset
and is unaffected by bus reset.
Enab_multi
1
R/W
Enable multispeed concatenated packets. This bit enables the PHY layer to transmit concatenated packets
of differing speeds in accordance with the protocols defined in IEEE Std 1394a-2000. This bit is cleared to 0
by system (hardware) reset and is unaffected by bus reset.
Page_Select
3
R/W
Page_Select. This field selects the register page to use when accessing register addresses 8 through 15.
This field is cleared to 0 by a system (hardware) reset and is unaffected by bus reset.
Port_Select
4
R/W
Port_Select. This field selects the port when accessing per-port status or control (for example, when one of
the port status/control registers is accessed in page 0). Ports are numbered starting at 0. This field is cleared
to 0 by system (hardware) reset and is unaffected by bus reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com