Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 237 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 237 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 233Page - Texas Instruments PCI7421 Datasheet HTML 234Page - Texas Instruments PCI7421 Datasheet HTML 235Page - Texas Instruments PCI7421 Datasheet HTML 236Page - Texas Instruments PCI7421 Datasheet HTML 237Page - Texas Instruments PCI7421 Datasheet HTML 238Page - Texas Instruments PCI7421 Datasheet HTML 239Page - Texas Instruments PCI7421 Datasheet HTML 240Page - Texas Instruments PCI7421 Datasheet HTML 241Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 298 page
background image
10−7
10.5 Power-Class Programming
The PC0–PC2 terminals are programmed to set the default value of the power-class indicated in the pwr field
(bits 21–23) of the transmitted self-ID packet. Table 10−9 shows the descriptions of the various power classes. The
default power-class value is loaded following a system (hardware) reset, but is overridden by any value subsequently
loaded into the Pwr_Class field in register 4.
Table 10−9. Power Class Descriptions
PC0–PC2
DESCRIPTION
000
Node does not need power and does not repeat power.
001
Node is self-powered and provides a minimum of 15 W to the bus.
010
Node is self-powered and provides a minimum of 30 W to the bus.
011
Node is self-powered and provides a minimum of 45 W to the bus.
100
Node may be powered from the bus and is using up to 3 W. No additional power is needed to enable the link.
101
Reserved
110
Node is powered from the bus and uses up to 3 W. An additional 3 W is needed to enable the link.
111
Node is powered from the bus and uses up to 3 W. An additional 7 W is needed to enable the link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com