Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 229 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 229 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 225Page - Texas Instruments PCI7421 Datasheet HTML 226Page - Texas Instruments PCI7421 Datasheet HTML 227Page - Texas Instruments PCI7421 Datasheet HTML 228Page - Texas Instruments PCI7421 Datasheet HTML 229Page - Texas Instruments PCI7421 Datasheet HTML 230Page - Texas Instruments PCI7421 Datasheet HTML 231Page - Texas Instruments PCI7421 Datasheet HTML 232Page - Texas Instruments PCI7421 Datasheet HTML 233Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 298 page
background image
9−5
Table 9−3. Link Enhancement Register Description (Continued)
BIT
FIELD NAME
TYPE
DESCRIPTION
9
RSVD
R
Reserved. Bit 9 returns 0 when read.
8 ‡
enab_dv_ts
RW
Enable DV CIP timestamp enhancement. When bit 8 is set to 1, the enhancement is enabled for DV
CIP transmit streams (FMT = 00h). The default value for this bit is 0.
7 ‡
enab_unfair
RW
Enable asynchronous priority requests. OHCI-Lynx
 compatible. Setting bit 7 to 1 enables the link to
respond to requests with priority arbitration. It is recommended that this bit be set to 1. The default value
for this bit is 0.
6
RSVD
R
This bit is not assigned in the PCI7x21/PCI7x11 follow-on products, because this bit location loaded
by the serial EEPROM from the enhancements field corresponds to bit 23 (programPhyEnable) in the
host controller control register at OHCI offset 50h/54h (see Section 8.16).
5−3
RSVD
R
Reserved. Bits 5−3 return 0s when read.
2 ‡
RSVD
R
Reserved. Bit 2 returns 0 when read.
1 ‡
enab_accel
RW
Enable acceleration enhancements. OHCI-Lynx
 compatible. When bit 1 is set to 1, the PHY layer
is notified that the link supports the IEEE Std 1394a-2000 acceleration enhancements, that is,
ack-accelerated, fly-by concatenation, etc. It is recommended that this bit be set to 1. The default value
for this bit is 0.
0
RSVD
R
Reserved. Bit 0 returns 0 when read.
‡ This bit is cleared only by the assertion of GRST.
9.5
Timestamp Offset Register
The value of this register is added as an offset to the cycle timer value when using the MPEG, DV, and CIP
enhancements. A timestamp offset register is implemented per isochronous transmit context. The n value following
the offset indicates the context number (n = 0, 1, 2, 3,
…, 7). These registers are programmed by software as
appropriate. See Table 9−4 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Timestamp offset
Type
RW
R
R
R
R
R
R
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Timestamp offset
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Timestamp offset
Offset:
A90h + (4*n)
Type:
Read/Write, Read-only
Default:
0000 0000h
Table 9−4. Timestamp Offset Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31
DisableInitialOffset
RW
Bit 31 disables the use of the initial timestamp offset when the MPEG2 enhancements are enabled.
A value of 0 indicates the use of the initial offset, a value of 1 indicates that the initial offset must not
be applied to the calculated timestamp. This bit has no meaning for the DV timestamp
enhancements. The default value for this bit is 0.
30−25
RSVD
R
Reserved. Bits 30−25 return 0s when read.
24−12
CycleCount
RW
This field adds an offset to the cycle count field in the timestamp when the DV or MPEG2
enhancements are enabled. The cycle count field is incremented modulo 8000; therefore, values in
this field must be limited between 0 and 7999. The default value for this field is all 0s.
11−0
CycleOffset
RW
This field adds an offset to the cycle offset field in the timestamp when the DV or MPEG2
enhancements are enabled. The cycle offset field is incremented modulo 3072; therefore, values in
this field must be limited between 0 and 3071. The default value for this field is all 0s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com