Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 266 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 266 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 262Page - Texas Instruments PCI7421 Datasheet HTML 263Page - Texas Instruments PCI7421 Datasheet HTML 264Page - Texas Instruments PCI7421 Datasheet HTML 265Page - Texas Instruments PCI7421 Datasheet HTML 266Page - Texas Instruments PCI7421 Datasheet HTML 267Page - Texas Instruments PCI7421 Datasheet HTML 268Page - Texas Instruments PCI7421 Datasheet HTML 269Page - Texas Instruments PCI7421 Datasheet HTML 270Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 298 page
background image
12−12
12.18 Power Management Capabilities Register
The power management capabilities register indicates the capabilities of the SD host controller related to PCI power
management. See Table 12−13 for a complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Power management capabilities
Type
RU
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
1
1
1
1
1
1
0
0
0
0
0
0
0
1
0
Register:
Power management capabilities
Offset:
82h
Type:
Read/Update, Read-only
Default:
7E02h
Table 12−13. Power Management Capabilities Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15
PME_D3COLD
RU
PME support from D3cold. This bit can be set to 1 or cleared to 0 via bit 4 (D3_COLD) in the general
control register at offset 88h in the PCI configuration space (see Section 12.22). When this bit is set
to 1, it indicates that the SD host controller is capable of generating a PME wake event from D3cold.
This bit state is dependent upon the SD host controller VAUX implementation and may be configured
by using bit 4 (D3_COLD) in the general control register (see Section 12.22).
14−11
PME_SUPPORT
R
PME support. This 4-bit field indicates the power states from which the SD host controller may assert
PME. This field returns a value of 1111b by default, indicating that PME may be asserted from
the D3hot, D2, D1, and D0 power states.
10
D2_SUPPORT
R
D2 support. Bit 10 is hardwired to 1, indicating that the SD host controller supports the D2 power state.
9
D1_SUPPORT
R
D1 support. Bit 9 is hardwired to 1, indicating that the SD host controller supports the D1 power state.
8−6
AUX_CURRENT
R
3.3-VAUX auxiliary current requirements. This requirement is design dependent.
5
DSI
R
Device-specific initialization. This bit returns 0 when read, indicating that the SD host controller does
not require special initialization beyond the standard PCI configuration header before a generic class
driver is able to use it.
4
RSVD
R
Reserved. Bit 4 returns 0 when read.
3
PME_CLK
R
PME clock. This bit returns 0 when read, indicating that the PCI clock is not required for the SD host
controller to generate PME.
2−0
PM_VERSION
R
Power-management version. This field returns 010b when read, indicating that the SD host controller
is compatible with the registers described in the PCI Bus Power Management Interface Specification
(Revision 1.1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com