Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 270 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 270 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 266Page - Texas Instruments PCI7421 Datasheet HTML 267Page - Texas Instruments PCI7421 Datasheet HTML 268Page - Texas Instruments PCI7421 Datasheet HTML 269Page - Texas Instruments PCI7421 Datasheet HTML 270Page - Texas Instruments PCI7421 Datasheet HTML 271Page - Texas Instruments PCI7421 Datasheet HTML 272Page - Texas Instruments PCI7421 Datasheet HTML 273Page - Texas Instruments PCI7421 Datasheet HTML 274Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 298 page
background image
12−16
12.25 Slot 0 3.3-V Maximum Current Register
This register is a read/write register and the contents of this register are aliased to the 3_3_MAX_CURRENT field
in the slot 0 maximum current capabilities register at offset 48h in the SD host standard registers. This register is a
GRST only register.
Bit
7
6
5
4
3
2
1
0
Name
Slot 0 3.3-V maximum current
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
Slot 3.3-V maximum current
Type:
Read/Write
Offset:
94h
Default:
0000h
12.26 Slot 1 3.3-V Maximum Current Register
This register is a read/write register and the contents of this register are aliased to the 3_3_MAX_CURRENT field
in the slot 1 maximum current capabilities register at offset 48h in the SD host standard registers. This register is a
GRST only register. If slot 1 is not implemented, this register is read-only and returns 0s when read.
Bit
7
6
5
4
3
2
1
0
Name
Slot 1 3.3-V maximum current
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
Slot 1 3.3-V maximum current
Type:
Read/Write
Offset:
98h
Default:
0000h
12.27 Slot 2 3.3-V Maximum Current Register
This register is a read/write register and the contents of this register are aliased to the 3_3_MAX_CURRENT field
in the slot 2 maximum current capabilities register at offset 48h in the SD host standard registers. This register is a
GRST only register. If slot 2 is not implemented, this register is read-only and returns 0s when read.
Bit
7
6
5
4
3
2
1
0
Name
Slot 2 3.3-V maximum current
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
Slot 2 3.3-V maximum current
Type:
Read/Write
Offset:
9Ch
Default:
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com