Electronic Components Datasheet Search
  English  ▼

X  

PCI7421 Datasheet(PDF) 269 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 269 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 265Page - Texas Instruments PCI7421 Datasheet HTML 266Page - Texas Instruments PCI7421 Datasheet HTML 267Page - Texas Instruments PCI7421 Datasheet HTML 268Page - Texas Instruments PCI7421 Datasheet HTML 269Page - Texas Instruments PCI7421 Datasheet HTML 270Page - Texas Instruments PCI7421 Datasheet HTML 271Page - Texas Instruments PCI7421 Datasheet HTML 272Page - Texas Instruments PCI7421 Datasheet HTML 273Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 298 page
background image
12−15
12.23 Subsystem Access Register
The contents of the subsystem access register are aliased to the subsystem vendor ID and subsystem ID registers
at PCI offsets 2Ch and 2Eh, respectively. See Table 12−16 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Subsystem access
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Subsystem access
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Subsystem access
Offset:
8Ch
Type:
Read/Write
Default:
0000 0000h
Table 12−16. Subsystem Access Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−16
SubsystemID
RW
Subsystem device ID. The value written to this field is aliased to the subsystem ID register at
PCI offset 2Eh.
15−0
SubsystemVendorID
RW
Subsystem vendor ID. The value written to this field is aliased to the subsystem vendor ID
register at PCI offset 2Ch.
12.24 Diagnostic Register
This register enables the diagnostic modes. See Table 12−17 for a complete description of the register contents. All
bits in this register are reset by GRST only.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Diagnostic
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Diagnostic
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Diagnostic
Type:
Read-only, Read/Write
Offset:
90h
Default:
0000 0000h
Table 12−17. Diagnostic Register Description
BIT
SIGNAL
TYPE
FUNCTION
31−17
RSVD
R
Reserved. Bits 31−17 return 0s when read.
16
DIAGNOSTIC
RW
Diagnostic test bit. This test bit shortens the card detect debounce times for simulation and TDL.
15−0
RSVD
R
Reserved. Bits 15−0 return 0s when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com