Electronic Components Datasheet Search
  English  ▼

X  

MPT57481 Datasheet(PDF) 6 Page - Texas Instruments

Part # MPT57481
Description  240-CHANNEL 61-BIT SOURCE DRIVER FOR COLOR TFT LCDS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPT57481 Datasheet(HTML) 6 Page - Texas Instruments

Back Button MPT57481 Datasheet HTML 2Page - Texas Instruments MPT57481 Datasheet HTML 3Page - Texas Instruments MPT57481 Datasheet HTML 4Page - Texas Instruments MPT57481 Datasheet HTML 5Page - Texas Instruments MPT57481 Datasheet HTML 6Page - Texas Instruments MPT57481 Datasheet HTML 7Page - Texas Instruments MPT57481 Datasheet HTML 8Page - Texas Instruments MPT57481 Datasheet HTML 9Page - Texas Instruments MPT57481 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MPT57481
240-CHANNEL 61-BIT SOURCE DRIVER FOR COLOR TFT LCDS
SGLS099 – MARCH 1997
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CLK
I
Shift Clock. CLK synchronizes internal control logic with its rising edge. Also, CLK generates a data clock
for the Data Latch, a shift clock for the Address Shift Register, and a write enable for the Storage Register.
D00-D05
D10-D15
D20-D25
I
Data Input. Data inputs consist of 6-bit words for each of three channels (18 bits) for color input data.
D D05..D00 (MSB to LSB) selects one of 64 gray-scale voltages on OUT (3n–2) with n = 1 – 80.
D D15..D10 selects one of 64 gray-scale voltages on OUT (3n–1) with n = 1 – 80.
D D25..D20 selects one of 64 gray-scale voltage on OUT (3n ) with n = 1 – 80.
EIO1
Enable I/O. EIO enables the Data Latch and Input Register to load 18-bit RGB data into the input Register
on the rising edge of the clocks. The cascade output is for adding additional drivers to extend the length of
line data. This helps to accommodate any particular LCD panel being driven.
EIO1
EIO2
I/O
L/R = is asserted
L/R is deasserted
EIO1
Right-shift input
Left-shift output
EIO2
Right-shift output
Left-shift input
GMA1...GMA9
I
Analog circuit bias voltage. GMA supplies the bias voltage to the DAC and the gamma correction voltage
adjust reference voltage.
L/R
I
Shift Direction. L/R controls the direction in which the data is loaded into the input register. The data is loaded
from OUT1 to OUT240 when L/R is asserted and from OUT240 to OUT1 when L/R is deasserted.
OUT1-OUT240
O
Subpixel output. Out provides 64 gray-scale signals to the LCD panel.
TP1, TP2
I
Transfer input register contents. The next CLK rising edge after TP1 is deasserted causes the contents of
the input register (line n-1) to be transferred to the storage register (line n). After the transfer, the input
register receives new line n–1 data from the data inputs. During the period that either TP1, TP2, or both are
deasserted, pixel-driver output is in a precharge mode that supplies voltage to all the OUT terminals (LCD
pixel drivers)
VDD1
I
Analog supply voltage. The four VDD1 terminals supply power for the analog circuitry.
VDD2
I
Power supply for digital circuitry.
VOP
I
Bias voltage. VOP supplies the bias voltage for each DAC.
VSS1
I
Analog circuit ground.
VSS2
I
Digital circuit ground.
WB0, WB1,
WB2
I
Reference voltages. WB0, WB1, WB2 are reference voltages for each third DAC and RGB shift voltage
adjust.
D WBO adjusts OUT (3 n - 2) outputs with (n = 1 – 80)
D WB1 adjusts OUT (3 n - 1) outputs with (n = 1 – 80)
D WB2 adjusts OUT (3 n) outputs with (n = 1 – 80)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com