Electronic Components Datasheet Search
  English  ▼

X  

MPT57481 Datasheet(PDF) 7 Page - Texas Instruments

Part # MPT57481
Description  240-CHANNEL 61-BIT SOURCE DRIVER FOR COLOR TFT LCDS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPT57481 Datasheet(HTML) 7 Page - Texas Instruments

Back Button MPT57481 Datasheet HTML 3Page - Texas Instruments MPT57481 Datasheet HTML 4Page - Texas Instruments MPT57481 Datasheet HTML 5Page - Texas Instruments MPT57481 Datasheet HTML 6Page - Texas Instruments MPT57481 Datasheet HTML 7Page - Texas Instruments MPT57481 Datasheet HTML 8Page - Texas Instruments MPT57481 Datasheet HTML 9Page - Texas Instruments MPT57481 Datasheet HTML 10Page - Texas Instruments MPT57481 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MPT57481
240-CHANNEL 61-BIT SOURCE DRIVER FOR COLOR TFT LCDS
SGLS099 – MARCH 1997
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD (VDD1, VDD2) (see Note 1)
– 0.3 V to +7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (GMA1 – GMA9, VOP, WB0–WB2)
– 0.3 V to VDD1+ 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (all other terminals)
– 0.3 V to VDD2+ 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO (EIO1, EIO2)
– 0.3 V to VDD2+ 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO (OUT1 – OUT240)
– 0.3 V to VDD2+ 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating temperature range, TA
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD, (VDD1,VDD2) (See Note 2)
4.5
5
5.5
V
DAC bias supply voltage (VOP)
VDD1/2-0.2
VDD1/2 VDD1/2-0.2
V
DAC reference voltage (GMA1 – GMA9)
0
VDD1
DAC reference voltage (WB0...WB2)
0
VDD
V
Clock frequency, fclk
55
MHz
Load capacitance for pixel outputs, CL
150
pF
Operating Free-air Temperature, TA
–55
125
°C
2. VDD1andVDD2areconnecteddirectlytogether.VSS1andVSS2areconnecteddirectlytogether.Poweronsequence:VDD1→VDD2
→ GMA1...GMA9 → input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com