Electronic Components Datasheet Search
  English  ▼

X  

MPT57481 Datasheet(PDF) 8 Page - Texas Instruments

Part # MPT57481
Description  240-CHANNEL 61-BIT SOURCE DRIVER FOR COLOR TFT LCDS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPT57481 Datasheet(HTML) 8 Page - Texas Instruments

Back Button MPT57481 Datasheet HTML 4Page - Texas Instruments MPT57481 Datasheet HTML 5Page - Texas Instruments MPT57481 Datasheet HTML 6Page - Texas Instruments MPT57481 Datasheet HTML 7Page - Texas Instruments MPT57481 Datasheet HTML 8Page - Texas Instruments MPT57481 Datasheet HTML 9Page - Texas Instruments MPT57481 Datasheet HTML 10Page - Texas Instruments MPT57481 Datasheet HTML 11Page - Texas Instruments MPT57481 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MPT57481
240-CHANNEL 61-BIT SOURCE DRIVER FOR COLOR TFT LCDS
SGLS099 – MARCH 1997
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted), VDD1,
VDD2 = 5 V (see Note 3)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIH
High level input voltage
Dx0 – Dx5, CLK, TP1,
TP2, EIO1, EIO2
2.2
V
VIH
High level in ut voltage
L/R
0.7 VDD2
V
VIL
Low level input voltage
Dx0 – Dx5, CLK, TP1,
TP2, EIO1, EIO2
0.8
V
VIL
Low level in ut voltage
L/R
0.3 VDD2
V
IIK
Input leakage current
Dx0 – Dx5, CLK, TP1,
TP2, EIO1, EIO2, L/R
–10
10
µA
IO(1)
TP1, TP2 = 0 V,
VO = 4 V
–1.5
IO(2)
Output current
OUT1 – 240
TP1, TP2 = 5 V,
Dx5 – Dx0 = 00h
VO = 4 V,
–10
mA
IO(3)
TP1, TP2 = 5 V,
Dx5 – Dx0 = 63h
VO = 4 V,
0.8
VO
Subpixel output error
(see Note 4)
OUT1 – 240
±30
mV
VO
Subpixel output voltage
range (see Note 5)
OUT1 – 240
VSS1 + 0.2
VDD1– 0.2
V
VDD1
Hsync = 30
µs,
No load
9
IDD
Supply current
VDD1
Hsync = 30
µs,
See Note 6
5
mA
VDD2
Hsync = 30
µs,
No load
5
† All typical values are at VDD1, VDD2 = 5 V and TA = 25°C.
NOTES:
3. For this table, the following are true: GMA1 – GMA9 = 0.5 V to 4.5 V in increments of 0.5 V, VOP = 2.5 V and WB0 – WB2 = 2.5 V.
4. VO is the difference between the highest and the lowest reading across OUT1 – OUT240.
5. This is the range of output voltage between 6-bit input data 00h and 63h.
6. The load consists of a 75-pF capacitor connected from the output to VSS and in parallel with a series combination of a 75-pF capacitor
and a 2-k
Ω resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com