Electronic Components Datasheet Search
  English  ▼

X  

MPT57481 Datasheet(PDF) 9 Page - Texas Instruments

Part # MPT57481
Description  240-CHANNEL 61-BIT SOURCE DRIVER FOR COLOR TFT LCDS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPT57481 Datasheet(HTML) 9 Page - Texas Instruments

Back Button MPT57481 Datasheet HTML 5Page - Texas Instruments MPT57481 Datasheet HTML 6Page - Texas Instruments MPT57481 Datasheet HTML 7Page - Texas Instruments MPT57481 Datasheet HTML 8Page - Texas Instruments MPT57481 Datasheet HTML 9Page - Texas Instruments MPT57481 Datasheet HTML 10Page - Texas Instruments MPT57481 Datasheet HTML 11Page - Texas Instruments MPT57481 Datasheet HTML 12Page - Texas Instruments MPT57481 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MPT57481
240-CHANNEL 61-BIT SOURCE DRIVER FOR COLOR TFT LCDS
SGLS099 – MARCH 1997
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VDD1, VDD2 = 5 V,
See Note 7
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tc1
Clock cycle time
See Figure 3
18
ns
tw1
High-level pulse width duration
See Figure 3
5
ns
tw2
Low-level pulse width duration
See Figure 3
5
ns
tsu1
Data setup time
See Figure 3, Figure 4, and Figure 5
5
ns
th1
Data hold time
See Figure 3, Figure 4, and Figure 5
5
ns
tsu2
Start pulse setup time
See Figure 3 and Figure 4
5
ns
th2
Start pulse hold time
See Figure 3 and Figure 4
5
ns
tsu3
Enable propagation setup time
See Figure 3
80
CLK
t(pc)
Precharge time
See Figure 3
3
µs
th3
TP1 hold time (with respect to TP2)
See Figure 3
1
µs
tsu4
TP1 setup time (with respect to TP2)
See Figure 3
1
µs
th4
TP2 hold time (with respect to TP1)
See Figure 3
0.5
µs
tsu5
TP1 shift input setup time
See Figure 3
1
CLK
tdis1
Data input disable time
See Figure 4
1
CLK
t(last)
Last data timing
See Figure 5
1
CLK
tsu6
TP1 setup time (with respect to CLK)
See Figure 5
7
ns
th5
TP1, CLK hold time (with respect to CLK)
See Figure 5
7
ns
NOTE 7: All VIH and VIL input voltage levels are 5 V and 0 V, respectively.
switching characteristics over recommended operating free-air temperature range, VDD1, VDD2 =
5 V, See Figure 3 and Note 7
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td1
Enable propagation delay time
CL = 35 pF
11
ns
td2
Enable propagation delay time
CL = 35 pF
15
ns
td3
Output propagation delay time
CL1. CL2= 75 pF,
See Note 6
RL = 2 kΩ,
3
ns
td4
Output propagation delay time
CL1. CL2= 75 pF,
See Note 6
RL = 2 kΩ,
10
ns
NOTES:
6. The load consists of a 75-pF capacitor connected from the output to VSS and in parallel with a series combination of a 75-pF capacitor
and a 2-k
Ω resistor.
7. All VIH and VIL input voltage levels are 5 V and 0 V, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com