Electronic Components Datasheet Search
  English  ▼

X  

MPT57481 Datasheet(PDF) 10 Page - Texas Instruments

Part # MPT57481
Description  240-CHANNEL 61-BIT SOURCE DRIVER FOR COLOR TFT LCDS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPT57481 Datasheet(HTML) 10 Page - Texas Instruments

Back Button MPT57481 Datasheet HTML 5Page - Texas Instruments MPT57481 Datasheet HTML 6Page - Texas Instruments MPT57481 Datasheet HTML 7Page - Texas Instruments MPT57481 Datasheet HTML 8Page - Texas Instruments MPT57481 Datasheet HTML 9Page - Texas Instruments MPT57481 Datasheet HTML 10Page - Texas Instruments MPT57481 Datasheet HTML 11Page - Texas Instruments MPT57481 Datasheet HTML 12Page - Texas Instruments MPT57481 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MPT57481
240-CHANNEL 61-BIT SOURCE DRIVER FOR COLOR TFT LCDS
SGLS099 – MARCH 1997
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
td4
Precharge Period
tsu4
th3
th4
t(pc)
tsu5
tsu3
td2
tsu2
th2
tc1
tw1
tw2
tsu1
th1
td1
FIRST
LAST
LAST–1
LAST
CLK
Dxx
INPUT
(See Note A)
OUTPUT
(See Note A)
TP1
TP2
OUT1 – 240
td3
NOTES: A. EIO1 (L/R is asserted), EIO2 (L/R is asserted)
B. The input pulse is supplied by a generator having the following characteristics: PRR < 1 MHz, duty cycle < 50%, tr, tf ≤ 15 ns,
zO = 50 Ω.
C. The trip point for td3 is output voltage + 0.5 V. The trip point for td4 is output voltage ±100 mV.
Figure 3. Input, Output, and Precharge Period Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com