| Electronic Components Datasheet Search |
|
MPT57481 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MPT57481 Datasheet(HTML) 1 Page - Texas Instruments |
|
1 / 13 page ![]() MPT57481 240-CHANNEL 61-BIT SOURCE DRIVER FOR COLOR TFT LCDS SGLS099 – MARCH 1997 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 436 Terminal 70-mm Tab Assembly D Selection Of Start Driver Input From Right Or Left By L/R Function D CMOS Technology D 6-Bit × 3 RGB Color Data Inputs D 64-Gray-Scale Sub-Pixel Outputs Generated By 6-Bit DAC D 55-MHz Operation D Gamma Correction D RGB Voltage Adjust D Automatic Low-Power Standby Function D 5-V Digital and Analog Voltage Supply description The MPT57481 is a 240-channel output, low-power, 5-V, signal source (column) driver for an active matrix LCD panel. This device has a digital-to-analog converter for each output. The MPT57481 utilizes 10 reference voltages for a 64 gray-scale subpixel output. Eight drivers are required for a 640 × 480 color LCD and ten drivers are required for a 800 × 600 color LCD. MPT57481 NOTES: A. This figure shows the copper foil side. This figure doesn’t describe the TAB outline. B. There are 46 input terminals and 240 output terminals. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Copyright © 1997, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - MPT57481 |
|
Similar Description - MPT57481 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |