Electronic Components Datasheet Search
  English  ▼

X  

PS2603 Datasheet(PDF) 29 Page - NEC

Part # PS2603
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2603 Datasheet(HTML) 29 Page - NEC

Back Button PS2603 Datasheet HTML 25Page - NEC PS2603 Datasheet HTML 26Page - NEC PS2603 Datasheet HTML 27Page - NEC PS2603 Datasheet HTML 28Page - NEC PS2603 Datasheet HTML 29Page - NEC PS2603 Datasheet HTML 30Page - NEC PS2603 Datasheet HTML 31Page - NEC PS2603 Datasheet HTML 32Page - NEC PS2603 Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
28
Frequency f (HZ)
Test Circuit and Condition
1 k
Ω
51
Ω
VCC = 10 V
330
µF
1 k
Ω
V O
IC = 2.25 mA
Other Temperature Characteristics
Almost all characteristics of optocouplers are apt to be affected by ambient temperature (see 3.1.2). Figures 15 to 21 show how
VF (Forward Voltage), ICEO (Collector Cut-Off Current), and VCE (sat) (Collector Saturation Voltage) are affected by ambient
temperature.
Figure 14. Voltage-Gain vs. Frequency Characteristics
(Standard Value) (PS2501, PS2505).
Ambient Temperature TA (
°C)
Figure 15. VF vs. TA Characteristics
Standard
characteristics
CTR = 156%
CTR = 186%
CTR = 304%
5
0
-5
-10
-15
-20
-25
100
500 1 k
5 k 10 k
50 k 100 k
500 k
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
-30
0
25
50
75
100
IF = 10
mA
IF = 1
mA
IF = 5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com