Electronic Components Datasheet Search
  English  ▼

X  

PS2603 Datasheet(PDF) 32 Page - NEC

Part # PS2603
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2603 Datasheet(HTML) 32 Page - NEC

Back Button PS2603 Datasheet HTML 28Page - NEC PS2603 Datasheet HTML 29Page - NEC PS2603 Datasheet HTML 30Page - NEC PS2603 Datasheet HTML 31Page - NEC PS2603 Datasheet HTML 32Page - NEC PS2603 Datasheet HTML 33Page - NEC PS2603 Datasheet HTML 34Page - NEC PS2603 Datasheet HTML 35Page - NEC PS2603 Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
31
Standard characteristics
Normalized to
1.0 at TA = 25˚C
IF = 0.1 mA, VCE = 2V
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-50
-25
0
25
50
75
100
Standard characteristics
Normalized to
1.0 at TA = 25˚C
IF = 0.3 mA, VCE = 2V
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-50
-25
0
25
50
75
100
Standard characteristics
Normalized to
1.0 at TA = 25˚C
IF = 1 mA, VCE = 2V
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-50
-25
0
25
50
75
100
23-(a)
23-(b)
Ambient Temperature TA (
°C)
Ambient Temperature TA (
°C)
23-(c)
23-(d)
Ambient Temperature TA (
°C)
Ambient Temperature TA (
°C)
23-(e)
23-(f)
Ambient Temperature TA (
°C)
Ambient Temperature TA (
°C)
CTR vs. Temperature Characteristics
Figure 23-(a) to 23-(f) show CTR vs. Temperature Characteristics under various conditions.
Normalized to
1.0 at TA = 25˚C
IF = 1 mA, VCE = 2V
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-50
-25
0
25
50
75
100
Standard characteristics
CTR = approx. 2500%
Normalized to
1.0 at TA = 25˚C
IF = 1 mA, VCE = 2V
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-50
-25
0
25
50
75
100
Standard characteristics
CTR = approx. 3500%
Normalized to
1.0 at TA = 25˚C
IF = 1 mA, VCE = 2V
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-50
-25
0
25
50
75
100
Standard characteristics
CTR = approx. 4500%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com