Electronic Components Datasheet Search
  English  ▼

X  

PS2603 Datasheet(PDF) 35 Page - NEC

Part # PS2603
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2603 Datasheet(HTML) 35 Page - NEC

Back Button PS2603 Datasheet HTML 30Page - NEC PS2603 Datasheet HTML 31Page - NEC PS2603 Datasheet HTML 32Page - NEC PS2603 Datasheet HTML 33Page - NEC PS2603 Datasheet HTML 34Page - NEC PS2603 Datasheet HTML 35Page - NEC PS2603 Datasheet HTML 36Page - NEC PS2603 Datasheet HTML 37Page - NEC PS2603 Datasheet HTML 38Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
34
DIRECT INPUT OF 100 Vac
Figure 3 shows the circuit diagram when 100 Vac power is directly input to an AC input compatible optocoupler via a current limit
resistor. The relationship between input and output signals is as shown in Figure 4.
+
0
_
+
0
LED 1
LED 2
LED 1
LED 2
LED 1
LED 2
Deviation due to
the differences in
light emission and
coupling efficiencies
of LEDs
Input signal
AC 100 V
LED light
emission
output
Output signal
Graph 1 Upper: 100 Vac Input Signal 100 V/DIV
Lower: Output Signal 1 V/DIV
As described above, when an AC input compatible optocoupler is used, an AC input signal can be extracted as a full-wave
rectified output signal. The output signal is smoothed by inserting a capacitor in the last stage of the circuit of a phototransistor if
necessary.
In the one-direction input optocoupler (PS2501 series), when an AC signal is to be input, it must be full-or half-wave rectified by a
diode bridge or CR circuit. On the other hand, the AC input compatible optocoupler permits direct input of an AC signal. This
enables simpler configuration, space saving, and reduced design cost.
The next section demonstrates three examples of applications.
Figure 4. Input/Output Signal
(LED2) (LED1)
PS2505-1
11 k
Ω
AC 100 V
100
Ω
Output signal
VCC = 10 V
Figure 3. 100 Vac Direct Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com