Electronic Components Datasheet Search
  English  ▼

X  

PS2603 Datasheet(PDF) 37 Page - NEC

Part # PS2603
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2603 Datasheet(HTML) 37 Page - NEC

Back Button PS2603 Datasheet HTML 30Page - NEC PS2603 Datasheet HTML 31Page - NEC PS2603 Datasheet HTML 32Page - NEC PS2603 Datasheet HTML 33Page - NEC PS2603 Datasheet HTML 34Page - NEC PS2603 Datasheet HTML 35Page - NEC PS2603 Datasheet HTML 36Page - NEC PS2603 Datasheet HTML 37Page - NEC PS2603 Datasheet HTML 38Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
36
Example 3: Sequencer circuit input section
AC 100 V
PS2505-2
Common
Common
PS2501-2
AC 100V
(a) AC input compatible optocoupler
(bidirectional input)
(b) Conventional optocoupler
(one-direction input)
(Full-wave rectified by diode bridge)
PRECAUTIONS FOR DESIGN
The AC input compatible optocoupler is identical to the conventional optocoupler except for the presence of two LEDs connected
in reverse parallel in the input circuit. Therefore, the circuit configuration can be designed as conventionally. The difference is
that there are two types of current transfer ratios (CRT) because two LEDs are connected in the input circuit. The two CTRs are
not necessarily the same, owing to the differences in light emission and coupling efficiencies of LEDs. Consequently, this causes
deviation in output signal level. The differences are rated under the item of the current efficiency ratio (CTR1/CTR2) for electric
characteristics.
Current transfer ratio (CTR1/CTR2)
IC1
CTR1 =
IF1 x (current flowing in LED1)
IC2
CTR2 =
IF2 x (current flowing in LED2)
A
IF1
A
A
IF2
LED 2
LED 1
IC1
IC2
VCE = 5 V
Figure 5. CTR Measuring Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com