Electronic Components Datasheet Search
  English  ▼

X  

PS2603 Datasheet(PDF) 17 Page - NEC

Part # PS2603
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2603 Datasheet(HTML) 17 Page - NEC

Back Button PS2603 Datasheet HTML 13Page - NEC PS2603 Datasheet HTML 14Page - NEC PS2603 Datasheet HTML 15Page - NEC PS2603 Datasheet HTML 16Page - NEC PS2603 Datasheet HTML 17Page - NEC PS2603 Datasheet HTML 18Page - NEC PS2603 Datasheet HTML 19Page - NEC PS2603 Datasheet HTML 20Page - NEC PS2603 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
16
Expression (6) indicates that the current transfer ratio (CTR) is significantly affected by the value of ICBL • RBE. For example, if
the forward current IF of the light-emitting diode is smaller (that is, ICBL is smaller) or if the base-emitter resistance RBE is smaller,
the reduction rate (rate of IC') becomes greater.
The above CTR reduction must be considered when inserting a resistor between the emitter and the base of the phototransistor
of the optocoupler to increase the switching speed. The performance of the optocoupler might become unstable because the
CTR will be affected by time elapse or temperature change (even if it is initially stable).
Fig. 3-3 shows the
∆CTR-RBE characteristics.
Normalized to 1.0
at RBE =
×
IF = 1 mA, VCE = 5V
CTR = 274%
CTR =166%
1.0
0.8
0.6
0.4
0.2
0
100
200
300 400 500
1000
Base Emitter Resistance RBE (k
Ω)
Base Emitter Resistance RBE (k
Ω)
Base Emitter Resistance RBE (k
Ω)
Figure 3-3.
∆CTR-RBE Characteristics
CTR = 274%
CTR =166%
1.0
0.8
0.6
0.4
0.2
0
100
200
300 400 500
1000
Normalized to 1.0
at RBE =
×
IF = 10 mA, VCE = 5V
CTR = 274%
CTR =166%
Normalized to 1.0
at RBE =
×
IF = 5 mA, VCE = 5V
1.0
0.8
0.6
0.4
0.2
0
100
200
300 400 500
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com