Electronic Components Datasheet Search
  English  ▼

X  

PS2603 Datasheet(PDF) 36 Page - NEC

Part # PS2603
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2603 Datasheet(HTML) 36 Page - NEC

Back Button PS2603 Datasheet HTML 30Page - NEC PS2603 Datasheet HTML 31Page - NEC PS2603 Datasheet HTML 32Page - NEC PS2603 Datasheet HTML 33Page - NEC PS2603 Datasheet HTML 34Page - NEC PS2603 Datasheet HTML 35Page - NEC PS2603 Datasheet HTML 36Page - NEC PS2603 Datasheet HTML 37Page - NEC PS2603 Datasheet HTML 38Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
35
AC 100V
VCC
PS2505-1
+
0
_
APPLICATION EXAMPLES
Example 1: AC-DC converter
AC 100 V
VCC
PS2501-1
+
0
+
0
(b) Conventional optocoupler
(one-direction input)
(Full-wave rectification by means of
diode bridge)
Example 2: Detection of a telephone bell signal
PS2505-1
+
0
_
Station line
(75 Vr.m.s., 16 HZ)
(a) AC input compatible optocoupler
(bidirectional input)
(b) Conventional optocoupler
(one-direction input)
(rectification by CR circuit)
(a) AC input compatible optocoupler
(bidirectional input)
Station line
(75 Vr.m.s., 16 HZ)
PS2501-1
+
0
_
+
0
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com