Electronic Components Datasheet Search
  English  ▼

X  

ML610408 Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610408
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610408 Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  ML610408 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
FEDL610409-08
Issue Date:May. 23, 2014
ML610407/ML610408/ML610409
8-bit Microcontroller with a Built-in LCD driver
1/34
GENERAL DESCRIPTION
ML610407/ML610408/ML610409 is a high performance CMOS 8-bit microcontroller into which peripheral circuits, such as
the synchronous serial port, UART, melody driver, RC oscillation type A/D converter, and LCD driver, are incorporated around
LAPIS Semiconductor-original 8-bit CPU nX-U8/100. ML610407/ML610408/ML610409 operates in both high/low-speed
mode and power-saving mode, it is most suitable for battery operated products.
For industrial use, ML610407P/ML610408P/ML610409P with the extended operating ambient temperature ranging from -40°C
to 85°C are available.
FEATURES
• CPU
- 8-bit RISC CPU (CPU name: nX-U8/100)
- Instruction system: 16-bit length instruction
- Instruction set: Transfer, arithmetic operations, comparison, logic operations, multiplication/division, bit manipulations,
bit logic operations, jump, conditional jump, call return stack manipulations, arithmetic shift, and so on
- On-Chip debug function
- Minimum instruction execution time
30.5
µs (@ 32.768 kHz system clock)
2
µs (@ 500 kHz system clock)
0.5
µs (@ 2 MHz system clock)
• Internal memory
- Internal 16KByte maskROM (8K x 16 bits) (including unusable 1KByte TEST area)
- Internal 1KByte RAM (1024 x 8 bits)
• Interrupt controller
- 1 non-maskable interrupt source:
Internal source: 1 (Watchdog Timer)
- 27 maskable interrupt sources:
Internal source: 14 (Synchronous serial port 0, Synchronous serial port 1, Timer 0, Timer 1, Timer 2, Timer 3, UART0,
Melody 0, RC Oscillation type A/D converter, PWM0, TBC128Hz, TBC32Hz, TBC16Hz, TBC2Hz)
External source: 13 (P00, P01, P02, P03, P04, P50, P51, P52, P53, P54, P55, P56, P57) *
*: For P50 to P57, the interrupt sources are ORed into a single interrupt request.
• Time base counter
- Low-speed time base counter x 1 channel
Frequency compensation (Compensation range: Approx. -488ppm to +488ppm. Compensation accuracy: Approx.
0.48ppm)
- High-speed time base counter x 1 channel
• Watchdog timer
- Non-maskable interrupt and reset
- Free running
- Overflow period: 4 types selectable (125ms, 500ms, 2s, 8s)
• Timers
- 8 bits x 4 channels [also available is 16-bit configuration (using Timers 0 and 1, or Timers 2 and 3) x 2 channels]
- Clock frequency measurement function mode (16-bit configuration using Timers 2 and 3 x 1 channel only)


Similar Part No. - ML610408

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610408 ETC2-ML610408 Datasheet
499Kb / 36P
8-bit Microcontroller with a Built-in LCD driver
More results

Similar Description - ML610408

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q407 ETC2-ML610Q407 Datasheet
578Kb / 33P
8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
672Kb / 37P
8-bit Microcontroller with a Built-in LCD driver
ML610Q428 ETC2-ML610Q428 Datasheet
609Kb / 32P
8-bit Microcontroller with a Built-in LCD driver
ML610471 ETC2-ML610471 Datasheet
431Kb / 41P
8-bit Microcontroller with a Built-in LCD driver
ML610Q407 ETC2-ML610Q407 Datasheet
427Kb / 34P
8-bit Microcontroller with a Built-in LCD driver
ML610Q419 ETC2-ML610Q419 Datasheet
682Kb / 38P
8-bit Microcontroller with a Built-in LCD driver
ML610Q409 ETC2-ML610Q409 Datasheet
426Kb / 34P
8-bit Microcontroller with a Built-in LCD driver
logo
LAPIS Semiconductor Co....
ML610Q419 LAPIS-ML610Q419 Datasheet
831Kb / 38P
8-bit Microcontroller with a Built-in LCD driver
ML610Q431 LAPIS-ML610Q431 Datasheet
775Kb / 37P
8-bit Microcontroller with a Built-in LCD driver
ML610Q438 LAPIS-ML610Q438 Datasheet
688Kb / 39P
8-bit Microcontroller with a Built-in LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com