Electronic Components Datasheet Search
  English  ▼

X  

ML610408 Datasheet(PDF) 2 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610408
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610408 Datasheet(HTML) 2 Page - LAPIS Semiconductor Co., Ltd.

  ML610408 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
FEDL610409-08
ML610407/ML610408/ML610409
2/34
• Capture
- Time base capture x 2 channels (4096 Hz to 32 Hz)
• PWM
- Resolution 16 bits x 1 channel
• Synchronous serial port
- Master/slave selectable x 2 channels
- LSB first/MSB first selectable
- 8-bit length/16-bit length selectable
• UART
- TXD/RXD × 1 channel
- Bit length, parity/no parity, odd parity/even parity, 1 stop bit/2 stop bits
- Positive logic/negative logic selectable
- Built-in baud rate generator
• Melody driver
- Scale: 29 types (Melody sound frequency: 508 Hz to 32.768 kHz)
- Tone length: 63 types
- Tempo: 15 types
- Buzzer output mode (4 output modes, 8 frequencies, 16 duty levels)
• RC oscillation type A/D converter
- 16-bit counter
- Time division x 2 channels
• General-purpose ports
- Input-only port: 5 channels (including secondary functions)
- Output-only port
ML610407: 12 channels (including secondary functions)
ML610408: 8 channels (including secondary functions)
ML610409: 4 channels (including secondary functions)
- Input/output port: 22 channels (including secondary functions)
• LCD driver
- Number of segments
ML610407: Up to 145 dots (select among 29 segments x 5 commons, 30 segments x 4 commons, 31 segments x 3
commons, and 32 segments x 2 commons)
ML610408: Up to 165 dots (select among 33 segments x 5 commons, 34 segments x 4 commons, 35 segments x 3
commons, and 36 segments x 2 commons)
ML610409: Up to 185 dots (select among 37 segments x 5 commons, 38 segments x 4 commons, 39 segments x 3
commons, and 40 segments x 2 commons)
- 1/1 to 1/5 duty
- 1/3 bias (built-in bias generation circuit)
- Frame frequency selectable (approx. 64 Hz, 73 Hz, 85 Hz, and 102 Hz)
- Bias voltage multiplying clock selectable (8 types)
- LCD drive stop mode, LCD display mode, all LCDs on mode, and all LCDs off mode selectable
- Programmable display allocation function
• Reset
- Reset through the RESET_N pin
- Power-on reset generation when powered on
- Reset when oscillation stop of the low-speed clock is detected (Cancellation by a mask option is possible)
- Reset by the watchdog timer (WDT) overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com