Electronic Components Datasheet Search
  English  ▼

X  

ML610408 Datasheet(PDF) 5 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610408
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610408 Datasheet(HTML) 5 Page - LAPIS Semiconductor Co., Ltd.

  ML610408 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
FEDL610409-08
ML610407/ML610408/ML610409
5/34
BLOCK DIAGRAM
ML610407/ML610408/ML610409 Block Diagram
*
Secondary function or Tertiary function
“*1”: Select among 29 segments x 5 commons, 30 segments x 4 commons, 31 segments x 3 commons, and 32 segments x 2
commons with the register
“*2”: Select among 33 segments x 5 commons, 34 segments x 4 commons, 35 segments x 3 commons, and 36 segments x 2
commons with the register
“*3”: Select among 37 segments x 5 commons, 38 segments x 4 commons, 39 segments x 3 commons, and 40 segments x 2
commons with the register
Figure 1 ML610413P Block Diagram
Program
Memory
(maskROM)
16Kbyte
RAM
1Kbyte
Interrupt
Controller
CPU (nX-U8/100)
Timing
Controller
EA
SP
On-Chip
ICE
Instruction
Decoder
BUS
Controller
Instruction
Register
TBC
INT
4
INT
1
WDT
INT
4
8bit Timer
x4
Capture
x2
GPIO
INT
6
Data-bus
Melody/
Buzzer
INT
1
MD0*
TEST0
RESET_N
OSC
XT0**
XT1**
LSCLK*
OUTCLK*
Power
VDDL
LCD
Driver
LCD
BIAS
VL1, VL2, VL3
C1, C2
RC-ADC
x2
CS0*
IN0*
RS0*
RT0*
RCT0*
RCM*
CS1*
IN1*
RS1*
RT1*
RESET &
TEST
ALU
EPSW1-3
PSW
ELR1-3
LR
ECSR1-3
DSR/CSR
PC
GREG
0-15
VDD
VSS
INT
1
Display
register
320bit
Display
Allocation
RAM
COM0 to COM4 (*1)(*2)(*3)
SEG0 to SEG31 (ML610407) (*1)
SEG0 to SEG35 (ML610408) (*2)
SEG0 to SEG39 (ML610409) (*3)
P00 to P04
P20 to P22, P24
P30 to P35
P40 to P47
P50 to P53
P60 to P67 (ML610407)
P60 to P63 (ML610408)
SSIO
x2
SCK0*
SIN0*
SOUT0*
INT
2
SCK1*
SIN1*
SOUT1*
UART
INT
1
INT
1
PWM
RXD0*
TXD0*
PWM0*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com