Electronic Components Datasheet Search
  English  ▼

X  

ML610408 Datasheet(PDF) 22 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610408
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610408 Datasheet(HTML) 22 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610408 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML610408 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
FEDL610409-08
ML610407/ML610408/ML610409
22/34
DC Characteristics (3/5)
(VDD=3.0V, VSS=0V, Ta=-20 to +70°C, Ta=-40 to +85°C for P version, unless otherwise specified)
Rating
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Measur
ement
circuit
Ta=25°C
―
0.4
0.8
Supply current 1
IDD1
CPU: In STOP state.
Low-speed/High-speed oscillation:
stopped.
*
5
―
―
6.5
µA
Ta=25°C
―
0.9
1.8
Supply current 2
IDD2
CPU: In HALT state.
(LTBC, WDT: Operating)*
3*4.
High-speed 500kHz/2MHz
oscillation: Stopped.
LCD/BIAS circuits: Operating *
6
*
5
―
―
7.5
µA
Ta=25°C
―
4.0
7.5
Supply current 3
IDD3
CPU: In 32.768kHz operating
state.*
1*3
High-speed 500kHz/2MHz
oscillation: Stopped,
LCD/BIAS circuits: Operating *
2
*
5
―
―
11.0
µA
Ta=25°C
―
60
80
Supply current
4-1
IDD4-1
CPU: In 500kHz RC operating
state.
LCD/BIAS circuits: Operating.*
2
*
5
―
―
90
µA
Ta=25°C
―
240
300
Supply current
4-2
IDD4-2
CPU: In 2MHz RC operating state.
LCD/BIAS circuits: Operating.*
2
*
5
―
―
320
µA
1
*
1: When the CPU operating rate is 100% (no HALT state).
*
2: All SEGs: off waveform, No LCD panel load, 1/3 bias, 1/3 duty, Frame frequency: Approx. 64 Hz, Bias voltage multiplying clock:
1/128 LSCLK (256Hz)
*
3 : 32.768KHz crystal resonator DT-26 (Load capacitance 6pF) (made by KDS:DAISHINKU CORP.) is used (CGL=CDL=6pF)
*
4 : Significant bits of BLKCON0 to BLKCON4 registers are all “1” except DLCD bit on BLKCON4.
*
5 : Recommended operating temperature (Ta=-20 to 70°C, Ta=-40 to 85°C for P version)
*
6: LCD stop mode, 1/3 bias, Bias voltage multiplying clock: 1/128 LSCLK (256Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com