| Electronic Components Datasheet Search |
|
ML610408 Datasheet(PDF) 14 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML610408 Datasheet(HTML) 14 Page - LAPIS Semiconductor Co., Ltd. |
|
14 / 34 page ![]() FEDL610409-08 ML610407/ML610408/ML610409 14/34 Pin name I/O Description Primary/ Secondary/ Tertiary Logic UART TXD0 O UART data output pin. This pin is used as the secondary function of the P43 pin. Secondary Positive RXD0 I UART data input pin. This pin is used as the secondary function of the P42 or the primary function of the P02 pin. Primary/ Secondary Positive Synchronous serial (SSIO) SCK0 I/O Synchronous serial clock input/output pin. This pin is used as the tertiary function of the P41 or P45 pin. Tertiary — SIN0 I Synchronous serial data input pin. This pin is used as the tertiary function of the P40 or P44 pin. Tertiary Positive SOUT0 O Synchronous serial data output pin. This pin is used as the tertiary function of the P42 or P46 pin. Tertiary Positive SCK1 I/O Synchronous serial clock input/output pin. Assigned to the tertiary function of the P51 pin and P54 pin. Tertiary — SIN1 I Synchronous serial data input pin. Assigned to the tertiary function of the P50 pin and P54 pin. Tertiary Positive SOUT1 O Synchronous serial data output pin. Assigned to the tertiary function of the P52 pin and P56 pin. Tertiary Positive PWM PWM0 O PWM0 output pin. This pin is used as the secondary function of the P24 and tertiary function of the P43 pin. Secondary Tertiary Positive T0P02CK O PWM0 external clock input pin. This pin is used as the primary function of the P04 pin and P44 pin. Primary — External interrupt EXI0-4 I External maskable interrupt input pins. Interrupt enable and edge selection can be performed for each bit by software. These pins are used as the primary functions of the P00 to P04 pins. Primary Positive/ negative EXI8 I External maskable interrupt input pins. Interrupt enable and edge selection can be performed for each bit by software. Assigned to the primary function of the P50 to P57 pins. Primary Positive/ negative Capture CAP0 I Primary Positive/ negative CAP1 I Capture trigger input pins. The value of the time base counter is captured in the register synchronously with the interrupt edge selected by software. These pins are used as the primary functions of the P00 pin(CAP0) and P01 pin(CAP1). Primary Positive/ negative Timer T0P02CK I External clock input pin used for both Timer 0 and Timer 2. This pin is used as the primary function of the P04 pin and P44 pin. Primary — T13CK I External clock input pin used for both Timer 1 and Timer 3. This pin is used as the primary function of the P45 pin. Primary — Melody MD0 O Melody/buzzer signal output pin. This pin is used as the secondary function of the P22 and P50 pins. Secondary Positive/ negative LED drive LED0 to LED2, LED4 O N-channel open drain output pins to drive LED. This pin is used as the primary function of the P20 to P22 and P24 pins. Primary Positive /negative |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |