Electronic Components Datasheet Search
  English  ▼

X  

ML9488 Datasheet(PDF) 8 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9488
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9488 Datasheet(HTML) 8 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9488 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
FEDL9488-01
ML9488
8/31
REFERENCE DATA
Frame frequency Characteristics
VDD=5.5V/2.7V Rf=470kΩ
Frame frequency
fFRM = fOSC /(8 x 24)
fosc = 1 / (Device coefficient x External resistor Rf)
Device coefficient = 73.8 x 10
-12 ± 25%
Frame Frequency Characteristics Rf=470k,VDD=5.5V
100
120
140
160
180
200
220
240
-60
-40
-20
0
20
40
60
80
100
120
Temp Ta[℃]
(F1,F0)=(1,1)
(F1,F0)=(1,0)
(F1,F0)=(0,1)
(F1,F0)=(0,0)
Frame Frequency Characteristics Rf=470k,VDD=2.7V
100
120
140
160
180
200
220
240
260
-60
-40
-20
0
20
40
60
80
100
120
Temp Ta[℃]
(F1,F0)=(1,1)
(F1,F0)=(1,0)
(F1,F0)=(0,1)
(F1,F0)=(0,0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com