Electronic Components Datasheet Search
  English  ▼

X  

ML9488 Datasheet(PDF) 16 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9488
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9488 Datasheet(HTML) 16 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9488 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
FEDL9488-01
ML9488
16/31
• Data configuration (I
2C interface)
For the I
2C interface, each IC is assigned with a 7-bit slave address. The first one byte in the transfer consists of
this 7-bit slave address and the R/W bit that indicates the data transfer direction. Always input "0" to the eighth
R/W bit because the ML9488 is a write-only LSI.
The eight bits next to the slave address is a control byte. The first one bit is CO: consecutive command setting bit
and the next one bit is RS: command/data setting bit (the remaining six bits are the Don't care bits).
When CO = "0": Means the last control byte.
When CO = "1": Means the control bytes are successively input.
When RS = "0": Means the data to be input next is the command data.
When RS = "1": Means the data to be input next is the display data.
The display data can be successively input.
Example of Data Setting
When inputting two commands
When inputting the command and display data
R/W
S
01
100 SA1 SA0 0
A CO RS
A MSB
LSB
P
Salve address: 0 1 1 0 0 1
CO: Consecutive control byte setting bit
0: Last control byte, 1: Consecutive control byte
RS: Command/data setting bit
0: Command data, 1: Display data
Slave address
Control byte
DATA/Command
When inputting two commands
S
01
100 SA1 SA0 0
A
10
AA
00
AA
P
COMMAND
COMMAND
S
01
100 SA1 SA0 0
A
10
AA
01
AA
A
AA
A
P
Display data
Display data
COMMAND
Display data
Display data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com