| Electronic Components Datasheet Search |
|
ML9488 Datasheet(PDF) 17 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML9488 Datasheet(HTML) 17 Page - LAPIS Semiconductor Co., Ltd. |
|
17 / 31 page ![]() FEDL9488-01 ML9488 17/31 Data write method • Serial interface The data is written to the address set by the data write setting command (F3). For the Serial interface, the data is written in units of 80 bits. Written from D80 to SEG1, D79 to SEG2, ... , D2 to SEG79, and D1 to SEG80. • I 2C interface The data is written to the address set by the slave address. For the I 2C interface, the data is written to the specified address starting with the LSB side in units of 8 bits. (The data is written in the order from SEG73-80, SEG65-SEG72, ... , SEG9-16, and SEG1-SEG8.) MSB Segment output LSB 1234 32 33 34 35 36 37 38 39 40 COM1 D80 D79 D78 D77 D49 D48 D47 D46 D45 D44 D43 D42 D41 COM2 D80 D79 D78 D77 D49 D48 D47 D46 D45 D44 D43 D42 D41 COM3 D80 D79 D78 D77 D49 D48 D47 D46 D45 D44 D43 D42 D41 COM4 D80 D79 D78 D77 D49 D48 D47 D46 D45 D44 D43 D42 D41 MSB Segment output LSB 41 42 43 44 72 173 74 75 76 77 78 79 80 COM1 D40 D39 D38 D37 D9 D8 D7 D6 D5 D4 D3 D2 D1 COM2 D40 D39 D38 D37 D9 D8 D7 D6 D5 D4 D3 D2 D1 COM3 D40 D39 D38 D37 D9 D8 D7 D6 D5 D4 D3 D2 D1 COM4 D40 D39 D38 D37 D9 D8 D7 D6 D5 D4 D3 D2 D1 LSB Segment output MSB 1234 32 33 34 35 36 37 38 39 40 COM1 D1 D2 D3 D4 D8 D1 D2 D3 D4 D5 D6 D7 D8 COM2 D1 D2 D3 D4 D8 D1 D2 D3 D4 D5 D6 D7 D8 COM3 D1 D2 D3 D4 D8 D1 D2 D3 D4 D5 D6 D7 D8 COM4 D1 D2 D3 D4 D8 D1 D2 D3 D4 D5 D6 D7 D8 LSB Segment output MSB 41 42 43 44 72 73 74 75 76 77 78 79 80 COM1 D1 D2 D3 D4 D8 D1 D2 D3 D4 D5 D6 D7 D8 COM2 D1 D2 D3 D4 D8 D1 D2 D3 D4 D5 D6 D7 D8 COM3 D1 D2 D3 D4 D8 D1 D2 D3 D4 D5 D6 D7 D8 COM4 D1 D2 D3 D4 D8 D1 D2 D3 D4 D5 D6 D7 D8 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |