Electronic Components Datasheet Search
  English  ▼

X  

ML9488 Datasheet(PDF) 26 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9488
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9488 Datasheet(HTML) 26 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9488 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
FEDL9488-01
ML9488
26/31
PAD CONFIGURATION
Pad layout (pattern face)
Chip size
: 4.80 mm x 0.90 mm
Chip thickness
: 400
m ± 20 m
Minimum bump pitch
: 50
m
Bump height
: 15
m ±3 m
180
93
1
81
Y
X
B
A
181
92
190
82
(0,0)
Bump and alignment mark dimensions (pattern face)
PAD No.1
81
: 32
m x 80 m
PAD No.82
190
: 30
m x 84 m
Alignment marks A and B
: See below
[Mark A]
[Mark B]
Alignment mark
X-coordinate (
m)
Y-coordinate (
m)
Mark A
2289
-308
Mark B
-2289
309
Aluminum (top metal) Passivation
30
μm
30
μm
30
μm
30
μm
30
μm
30
μm
Aluminum (top metal) Passivation
47
μm
55
μm
47
μm
55
μm
Coordinate position
Coordinate position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com