Electronic Components Datasheet Search
  English  ▼

X  

ML9488 Datasheet(PDF) 5 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9488
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9488 Datasheet(HTML) 5 Page - LAPIS Semiconductor Co., Ltd.

  ML9488 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9488 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
FEDL9488-01
ML9488
5/31
Switching Characteristics
OSC timing
(VDD = 2.7 to 5.5 V, VLCD = 4.5 to 5.5 V, Ta = -40 to +105°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable pin
OSC IN clock frequency
(external input)
fCP1
—
1.8
10
kHz
OSC1
Clock pulse width
(External input)
tWCP1
40
—
—
μs
OSC1
Clock rise and fall time
(external input)
tOSC
Clock input from OSC1.
OSC2 and OSCR open.
OSC I/E = "L"
—
—
(*1)
μs
OSC1
External Rf clock
frequency
(Internal oscillation)
fOSC1
Between OSC1 and OSC2
Rf = 470kΩ
(F1,F0)=(0,1)
OSCR open.
OSC I/E = "H"
18
28.8
44
kHz
OSC1, OSC2
Internal clock frequency
(Internal oscillation)
fOSC2
OSC1 open.
(F1,F0)=(0,1)
OSC2 and OSCR short-circuited.
OSC I/E = "H"
18
28.8
44
kHz
OSC1, OSCR,
OSC2
The relation between OSC IN clock frequency and frame frequency is as the equation below.
fFRM = fOSC /24
(*1) tOSC is a reference value.
The longer the clock rise and fall time, the more susceptible to extraneous noises around the threshold value.
Make the rise as steep as possible.
Reference value: max=2μs.
Serial interface timing
(VDD = 2.7 to 5.5 V, VLCD = 4.5 to 5.5 V, Ta = -40 to +105°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable pin
Data clock frequency
fCP2
—
—
1
MHz CLOCK
Data clock pulse width
tWCP2
100
—
—
ns
CLOCK
Data setup time
tSU
50
—
—
ns
DATA
Data hold time
tHD
50
—
—
ns
CLOCK
CLOCK-LOAD timing
tCL
100
—
—
ns
CLOCK
LOAD-CLOCK timing
tLC
100
—
—
ns
LOAD
LOAD pulse width
tWLD
100
—
—
ns
LOAD
Signal rise and fall time
tsr,tsf
—
—
(*2)
ns
CLOCK,DATA,
LOAD
(*2) tsr and tsf shall be reference values.
The longer the clock rise and fall time, the more susceptible to extraneous noises around the threshold value.
Make the rise as steep as possible.
Reference value: max=10ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com