Electronic Components Datasheet Search
  English  ▼

X  

AFE5804ZCF Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804ZCF
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5804ZCF Datasheet(HTML) 22 Page - Texas Instruments

Back Button AFE5804ZCF Datasheet HTML 18Page - Texas Instruments AFE5804ZCF Datasheet HTML 19Page - Texas Instruments AFE5804ZCF Datasheet HTML 20Page - Texas Instruments AFE5804ZCF Datasheet HTML 21Page - Texas Instruments AFE5804ZCF Datasheet HTML 22Page - Texas Instruments AFE5804ZCF Datasheet HTML 23Page - Texas Instruments AFE5804ZCF Datasheet HTML 24Page - Texas Instruments AFE5804ZCF Datasheet HTML 25Page - Texas Instruments AFE5804ZCF Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
-55
60
65
70
75
80
85
90
-
-
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
10MHz
2MHz
5MHz
PWMode
PGA=30dB, 6dBFS
-
-45
50
55
60
65
70
75
80
85
-
-
-
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
10MHz
2MHz
5MHz
PWMode
PGA=30dB, 1dBFS
-
-55
60
65
70
75
80
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
10MHz
2MHz
5MHz
PWMode
PGA=30dB, 6dBFS
-
-35
40
45
50
55
60
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
10MHz
2MHz
5MHz
PWMode
PGA=30dB, 1dBFS
-
60
65
70
75
80
85
90
-
-
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
10MHz
2MHz
5MHz
TGCIMode
PGA=20dB, 6dBFS
-
60
65
70
75
80
85
90
-
-
-
-
-
-
-
0.6
1.2
V
(V)
CNTL
0.7
0.8
0.9
1.0
1.1
2MHz
TGCIMode
PGA=20dB, 1dBFS
-
10MHz
5MHz
AFE5804
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
AVDD_5V = 5.0V, AVDD1 = VDD2 = DVDD = 3.3V, LVDD = 1.8V, single-ended input into LNA, ac-coupled with 1.0
μF,
VCNTL = 1.0V, fIN 5MHz, Clock = 40MSPS, 50% duty cycle, internal reference mode, ISET = 56kΩ, LVDS buffer setting =
3.5mA, at ambient temperature TA = +25°C, unless otherwise noted.
SECOND HARMONIC vs VCNTL AND FREQUENCY
SECOND HARMONIC vs VCNTL AND FREQUENCY
Figure 49.
Figure 50.
THIRD HARMONIC vs VCNTL AND FREQUENCY
THIRD HARMONIC vs VCNTL AND FREQUENCY
Figure 51.
Figure 52.
CROSSTALK vs VCNTL
CROSSTALK vs VCNTL
Figure 53.
Figure 54.
22
Copyright
© 2008–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com