Electronic Components Datasheet Search
  English  ▼

X  

AFE5804ZCF Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804ZCF
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5804ZCF Datasheet(HTML) 56 Page - Texas Instruments

Back Button AFE5804ZCF Datasheet HTML 52Page - Texas Instruments AFE5804ZCF Datasheet HTML 53Page - Texas Instruments AFE5804ZCF Datasheet HTML 54Page - Texas Instruments AFE5804ZCF Datasheet HTML 55Page - Texas Instruments AFE5804ZCF Datasheet HTML 56Page - Texas Instruments AFE5804ZCF Datasheet HTML 57Page - Texas Instruments AFE5804ZCF Datasheet HTML 58Page - Texas Instruments AFE5804ZCF Datasheet HTML 59Page - Texas Instruments AFE5804ZCF Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 63 page
background image
VREFT=1.5V+
V
CM
1.5V
VREFB=1.5V -
V
CM
1.5V
REFT
REFB
ISET
0.1 F
m
2.2 F
m
56.2kW
2.2 F
m
0.1 F
m
AFE5804
+
+
AFE5804
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
www.ti.com
REFERENCE CIRCUIT
The device also supports the use of external
reference voltages. There are two methods to force
The digital beam-forming algorithm in an ultrasound
the references externally. The first method involves
system relies on gain matching across all receiver
pulling INT/EXT low and forcing externally REFT and
channels. A typical system has approximately 12
REFB to 2.5V and 0.5V nominally, respectively. In
octal AFEs on the board. In such a case, it is critical
this mode, the internal reference buffer goes to a
to ensure that the gain is matched, essentially
3-state output. The external reference driving circuit
requiring the reference voltages seen by all the AFEs
should be designed to provide the required switching
to be the same. Matching references within the eight
current for the eight ADCs inside the AFE5804. It
channels of a chip is done by using a single internal
should be noted that in this mode, CM and ISET
reference voltage buffer. Trimming the reference
continue to be generated from the internal bandgap
voltages on each chip during production ensures that
voltage, as in the internal reference mode. It is
the reference voltages are well-matched across
therefore important to ensure that the common-mode
different chips.
voltage of the externally-forced reference voltages
matches to within 50mV of VCM.
All bias currents required for the internal operation of
the device are set using an external resistor to
The second method of forcing the reference voltages
ground at the ISET pin. Using a 56k
Ω resistor on
externally can be accessed by pulling INT/EXT low,
ISET generates an internal reference current of 20
μA.
and programming the serial interface to drive the
This current is mirrored internally to generate the bias
external reference mode through the CM pin (register
current for the internal blocks. Using a larger external
bit
called
EXT_REF_VCM).
In
this
mode,
CM
resistor at ISET reduces the reference bias current
becomes configured as an input pin that can be
and thereby scales down the device operating power.
driven from external circuitry. The internal reference
However, it is recommended that the external resistor
buffers driving REFT and REFB are active in this
be within 10% of the specified value of 56k
Ω so that
mode. Forcing 1.5V on the CM pin in the mode
the internal bias margins for the various blocks are
results in REFT and REFB coming to 2.5V and 0.5V,
proper.
respectively. In general, the voltages on REFT and
REFB in this mode are given by Equation 3 and
Buffering the internal bandgap voltage also generates
Equation 4:
the common-mode voltage VCM, which is set to the
midlevel of REFT and REFB. It is meant as a
reference voltage to derive the input common-mode if
(3)
the input is directly coupled. It can also be used to
derive the reference common-mode voltage in the
external reference mode. Figure 109 shows the
(4)
suggested decoupling for the reference pins.
The state of the reference voltage internal buffers
during various combinations of the PD, INT/EXT, and
EXT_REF_VCM register bits is described in Table 20.
Figure 109. Suggested Decoupling on the Reference Pins
56
Copyright
© 2008–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com