Electronic Components Datasheet Search
  English  ▼

X  

AFE5804ZCF Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804ZCF
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5804ZCF Datasheet(HTML) 48 Page - Texas Instruments

Back Button AFE5804ZCF Datasheet HTML 44Page - Texas Instruments AFE5804ZCF Datasheet HTML 45Page - Texas Instruments AFE5804ZCF Datasheet HTML 46Page - Texas Instruments AFE5804ZCF Datasheet HTML 47Page - Texas Instruments AFE5804ZCF Datasheet HTML 48Page - Texas Instruments AFE5804ZCF Datasheet HTML 49Page - Texas Instruments AFE5804ZCF Datasheet HTML 50Page - Texas Instruments AFE5804ZCF Datasheet HTML 51Page - Texas Instruments AFE5804ZCF Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
R
S
Attenuator
Input
Attenuator
Output
A1-A8AttenuatorStages
Control
Input
Q
1
V
B
Q
2
Q
3
C
1
V1
Q
4
Q
S
C -C ClippingAmplifiers
1
8
Q
5
Q
6
Q
7
Q
8
C
2
V2
C
3
V3
C
4
V4
C
5
V5
C
6
V6
C
7
V7
C8
V8
A1
A2
A3
A4
A5
A6
A7
A8
VCNTL
AFE5804
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
www.ti.com
LOW-NOISE AMPLIFIER (LNA)
The attenuator is essentially a variable voltage divider
As with many high-gain systems, the front-end
that consists of the series input resistor (RS) and
amplifier is critical to achieve a certain overall
eight identical shunt FETs placed in parallel and
performance
level.
Using
a
proprietary
new
controlled by sequentially activated clipping amplifiers
architecture, the LNA of the AFE5804 delivers
(A1 through A8). Each clipping amplifier can be
exceptional low-noise performance, while operating
understood as a specialized voltage comparator with
on a very low quiescent current compared to
a soft transfer characteristic and well-controlled
CMOS-based
architectures
with
similar
noise
output limit voltage. Reference voltages V1 through
performances.
V8 are equally spaced over the 0V to 1.2V control
voltage range. As the control voltage rises through
The LNA performs a single-ended input to differential
the input range of each clipping amplifier, the
output voltage conversion and is configured for a
amplifier output rises from 0V (FET completely ON) to
fixed
gain
of
20dB
(10V/V).
The
ultralow
VCM
– VT (FET nearly OFF), where VCM is the
input-referred noise of only 0.75nV/
√Hz, along with
common source voltage and VT is the threshold
the linear input range of 280mVPP, results in a wide
voltage of the FET. As each FET approaches its off
dynamic range that supports the high demands of
state and the control voltage continues to rise, the
PW and CW ultrasound imaging modes. Larger input
next clipping amplifier/FET combination takes over for
signals can be accepted by the LNA, but distortion
the next portion of the piecewise-linear attenuation
performance
degrades
as
input
signals
levels
characteristic.
increase. The LNA input is internally biased to
approximately 2.4V; the signal source should be
Thus, low control voltages have most of the FETs
ac-coupled to the LNA input by an adequately-sized
turned on, producing maximum signal attenuation.
capacitor. Internally, the LNA directly drives the VCA,
Similarly, high control voltages turn the FETs off,
avoiding
the
typical
drawbacks
of
ac-coupled
leading to minimal signal attenuation. Therefore, each
architectures, such as slow overload recovery.
FET acts to decrease the shunt resistance of the
voltage divider formed by RS and the parallel FET
network.
VOLTAGE-CONTROLLED ATTENUATOR
(VCA)
The
VCA
is
designed
to
have
a
linear-in-dB
attenuation characteristic; that is, the average gain
loss in dB is constant for each equal increment of the
control voltage (VCNTL). Figure 98 shows the
simplified schematic of this VCA stage.
Figure 98. Voltage-Controlled Attenuator Simplified Schematic
48
Copyright
© 2008–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com