Electronic Components Datasheet Search
  English  ▼

X  

AFE5804ZCF Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804ZCF
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5804ZCF Datasheet(HTML) 29 Page - Texas Instruments

Back Button AFE5804ZCF Datasheet HTML 25Page - Texas Instruments AFE5804ZCF Datasheet HTML 26Page - Texas Instruments AFE5804ZCF Datasheet HTML 27Page - Texas Instruments AFE5804ZCF Datasheet HTML 28Page - Texas Instruments AFE5804ZCF Datasheet HTML 29Page - Texas Instruments AFE5804ZCF Datasheet HTML 30Page - Texas Instruments AFE5804ZCF Datasheet HTML 31Page - Texas Instruments AFE5804ZCF Datasheet HTML 32Page - Texas Instruments AFE5804ZCF Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
0
-
-
-
-
-
-
20
40
60
80
100
120
Frequency(MHz)
4.80
5.20
4.95
4.90
4.85
5.00
PWMode
PGA=30dB
V
=1V
CNTL
5.05
5.10
5.15
-32
-6
-87
AFE5804
www.ti.com
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS (continued)
AVDD_5V = 5.0V, AVDD1 = VDD2 = DVDD = 3.3V, LVDD = 1.8V, single-ended input into LNA, ac-coupled with 1.0
μF,
VCNTL = 1.0V, fIN 5MHz, Clock = 40MSPS, 50% duty cycle, internal reference mode, ISET = 56kΩ, LVDS buffer setting =
3.5mA, at ambient temperature TA = +25°C, unless otherwise noted.
INTERMODULATION DISTORTION
(4.99MHz and 5.01MHz)
Figure 91.
Copyright
© 2008–2011, Texas Instruments Incorporated
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com