Electronic Components Datasheet Search
  English  ▼

X  

AFE5804ZCF Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804ZCF
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5804ZCF Datasheet(HTML) 51 Page - Texas Instruments

Back Button AFE5804ZCF Datasheet HTML 47Page - Texas Instruments AFE5804ZCF Datasheet HTML 48Page - Texas Instruments AFE5804ZCF Datasheet HTML 49Page - Texas Instruments AFE5804ZCF Datasheet HTML 50Page - Texas Instruments AFE5804ZCF Datasheet HTML 51Page - Texas Instruments AFE5804ZCF Datasheet HTML 52Page - Texas Instruments AFE5804ZCF Datasheet HTML 53Page - Texas Instruments AFE5804ZCF Datasheet HTML 54Page - Texas Instruments AFE5804ZCF Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
A1
A2
To
Attenuator
8kW
8kW
7pF
0.1mF
C
IN
³
m
0.1 F
V
B
(+2.4V)
IN
V
BL
T/R
AFE5804
AFE5804
www.ti.com
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
APPLICATION INFORMATION
The
LNA
closed-loop
architecture
is
internally
ANALOG INPUT AND LNA
compensated for maximum stability without the need
for external compensation components (inductors or
While the LNA is designed as a fully differential
capacitors). At the same time, the total input
amplifier, it is optimized to perform a single-ended
capacitance is kept to a minimum with only 16pF.
input to differential output conversion. A simplified
This architecture minimizes any loading of the signal
schematic of an LNA channel is shown in Figure 101.
source
that
may
otherwise
lead
to
a
A bias voltage (VB) of +2.4V is internally applied to
frequency-dependent voltage divider. Moreover, the
the LNA inputs through 8k
Ω resistors. In addition, the
closed-loop design yields very low offsets and offset
dedicated signal input (IN pin) includes a pair of
drift; this consideration is important because the LNA
back-to-back diodes that provide a coarse input
directly drives the subsequent voltage-controlled
clamping function in case the input signal rises to
attenuator.
very
large
levels,
exceeding
0.6VPP.
This
configuration prevents the LNA from being driven into
The LNA of the AFE5804 uses the benefits of a
a severe overload state, which may otherwise cause
bipolar
process
technology
to
achieve
an
an extended overload recovery time. The integrated
exceptionally low noise voltage of 0.75nV/
√Hz, and a
diodes are designed to handle a dc current of up to
low current noise of only 3pA/
√Hz (in TGC mode 1).
approximately 5mA. Depending on the application
With these input-referred noise specifications, the
requirements, the system overload characteristics
AFE5804 achieves very low noise figure numbers
may be improved by adding external Schottky diodes
over a wide range of source resistances and
at the LNA input, as shown in Figure 101.
frequencies
(see
the
graph,
Noise
Figure
vs
Frequency Over RS in the Typical Characteristics).
As Figure 101 also shows, the complementary LNA
The optimal noise power matching is achieved for
input (VBL pin) is internally decoupled by a small
source impedances of around 200
Ω. Further details
capacitor. Furthermore, for each input channel, a
of the AFE5804 input noise performance are shown
separate
VBL pin is brought out for external
in the Typical Characteristic graphs.
bypassing. This bypassing should be done with a
small, 0.1
μF (typical) ceramic capacitor placed in
Table 18. Noise Figure versus
close proximity to each VBL pin. Attention should be
Source Resistance (RS) at 2MHz
given to provide a low-noise analog ground for this
bypass capacitor. A noisy ground potential may
RS (Ω)
NOISE FIGURE (dB)
cause noise to be picked up and injected into the
50
2.1
signal path, leading to higher noise levels.
200
1.1
400
1.2
1000
1.9
Figure 101. LNA Channel (Simplified Schematic)
Copyright
© 2008–2011, Texas Instruments Incorporated
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com