Electronic Components Datasheet Search
  English  ▼

X  

AFE5804ZCF Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5804ZCF
Description  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5804ZCF Datasheet(HTML) 30 Page - Texas Instruments

Back Button AFE5804ZCF Datasheet HTML 26Page - Texas Instruments AFE5804ZCF Datasheet HTML 27Page - Texas Instruments AFE5804ZCF Datasheet HTML 28Page - Texas Instruments AFE5804ZCF Datasheet HTML 29Page - Texas Instruments AFE5804ZCF Datasheet HTML 30Page - Texas Instruments AFE5804ZCF Datasheet HTML 31Page - Texas Instruments AFE5804ZCF Datasheet HTML 32Page - Texas Instruments AFE5804ZCF Datasheet HTML 33Page - Texas Instruments AFE5804ZCF Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
(connect externally)
VCA_CS
RST
[H4]
[H9]
VCA_SCLK
VCA_SDATA
ADS_CS
ADS_SCLK
ADS_SDATA
ADS_RESET
ADS_RESET
[H8]
SDATA
[H7]
CS
[H6]
SCLK
[L9]
EN_SM
Tie to:
+3.3V (AVDD1)
[H5]
AFE5804
AFE5804
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
www.ti.com
SERIAL INTERFACE
The AFE5804 has a set of internal registers that can be accessed through the serial interface formed by pins CS
(chip select, active low), SCLK (serial interface clock), and SDATA (serial interface data). When CS is low, the
following actions occur:
•
Serial shift of bits into the device is enabled
•
SDATA (serial data) is latched at every rising edge of SCLK
•
SDATA is loaded into the register at every 24th SCLK rising edge
If the word length exceeds a multiple of 24 bits, the excess bits are ignored. Data can be loaded in multiples of
24-bit words within a single active CS pulse. The first eight bits form the register address and the remaining 16
bits form the register data. The interface can work with SCLK frequencies from 20MHz down to very low speeds
(a few hertz) and also with a non-50% SCLK duty cycle.
Register Initialization
After power-up, the internal registers must be initialized to the respective default values. Initialization can be
done in one of two ways:
1. Through a hardware reset, by applying a low-going pulse on the ADS_RESET pin; or
2. Through a software reset; using the serial interface, set the S_RST bit high. Setting this bit initializes the
internal registers to the respective default values and then self-resets the bit low. In this case, the
ADS_RESET pin stays high (inactive).
3. The registers in Table 2 must be programmed after the initialization stage. The power-supply ripple and clock
jitter effects can be minimized.
Table 2. Register Data
ADDRESS
DATA
01
0010h
D1
0140h
DA
0001h
E1
0020h
02
0080h
01
0000h
Serial Port Interface (SPI) Information
Figure 92. Typical Connection Diagram for the SPI Control Lines
30
Copyright
© 2008–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com