Electronic Components Datasheet Search
  English  ▼

X  

LM5166 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5166
Description  3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5166 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5166 Datasheet HTML 17Page - Texas Instruments LM5166 Datasheet HTML 18Page - Texas Instruments LM5166 Datasheet HTML 19Page - Texas Instruments LM5166 Datasheet HTML 20Page - Texas Instruments LM5166 Datasheet HTML 21Page - Texas Instruments LM5166 Datasheet HTML 22Page - Texas Instruments LM5166 Datasheet HTML 23Page - Texas Instruments LM5166 Datasheet HTML 24Page - Texas Instruments LM5166 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
VIN
1.22V
EN
Comparator
RUV1
RUV2
1.144V
HYS
RHYS
7
EN
9
21
LM5166
www.ti.com
SNVSA67A – DECEMBER 2016 – REVISED DECEMBER 2016
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3.5 Adjustable Current Limit
The LM5166 protects the system from overload conditions using cycle-by-cycle current limiting of the peak
inductor current. The current sensed in the high-side MOSFET is compared to the current limit threshold set by
the ILIM pin (See Table 3). Current is sensed after a 120-ns leading-edge blanking time following the high-side
MOSFET turn on. The propagation delay of the current limit comparator is 80 ns, typical.
(1)
For this current limit threshold selection, the ILIM pin may also be left open instead of using a 100 kΩ
or greater resistor.
(2)
This ILIM setting enables a function that modulates the ILIM levels during the first three switching cycles
as illustrated in Figure 40.
Table 3. Current Limit Thresholds
Mode of Operation
RILIM (kΩ)
Typical IHS_LIM (mA)
Typical ILS_LIM (mA)
IOUT_MAX (mA)
COT Mode
0
750
415
500
≥ 100(1)
500
315
300
PFM Mode
0
1250
N/A
500
24.9
1250(2)
N/A
500
56.2
750
N/A
300
≥ 100(1)
500
N/A
200
Note that in PFM mode, the inductor current ramps from zero to the chosen peak threshold every switching
cycle. Consequently, the maximum output current is equal to half the peak inductor current. The output current
capability in COT mode is higher and equal to the peak current threshold minus one-half the inductor ripple
current. The ripple current is determined by the input and output voltage and the chosen inductance and
frequency.
7.3.6 Precision Enable (EN) and Hysteresis (HYS)
The precision EN input supports adjustable input undervoltage lockout (UVLO) with hysteresis programmed
independently via the HYS pin for application specific power-up and power-down requirements. EN connects to
the input of a comparator with 76-mV hysteresis. The reference input of the comparator is connected to a 1.22-V
bandgap reference. An external logic signal can be used to drive EN input to toggle the output on and off for
system sequencing or protection. The simplest way to enable operation is to connect EN directly to VIN. This
allows self-start-up of the LM5166 when VIN is within its valid operating range. However, many applications
benefit from using a resistor divider RUV1 and RUV2 as shown in Figure 42 to establish a precision UVLO level.
Adding RHYS and the connection to the HYS pin increases the voltage hysteresis as needed.
Figure 42. Input Voltage UVLO using EN and HYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com