Electronic Components Datasheet Search
  English  ▼

X  

LM5166 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LM5166
Description  3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5166 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM5166 Datasheet HTML 30Page - Texas Instruments LM5166 Datasheet HTML 31Page - Texas Instruments LM5166 Datasheet HTML 32Page - Texas Instruments LM5166 Datasheet HTML 33Page - Texas Instruments LM5166 Datasheet HTML 34Page - Texas Instruments LM5166 Datasheet HTML 35Page - Texas Instruments LM5166 Datasheet HTML 36Page - Texas Instruments LM5166 Datasheet HTML 37Page - Texas Instruments LM5166 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
Load (mA)
0.01
0.1
1
10
100
500
30
40
50
60
70
80
90
100
D001
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 65V
Load (mA)
0.01
0.1
1
10
100
500
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
D001
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 65V
34
LM5166
SNVSA67A – DECEMBER 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.2.2.2.8
Application Performance Curves
Unless otherwise stated, application performance curves were taken at TA = 25°C.
LF = 47 µH
COUT = 47 µF
FSW(nom) = 200 kHz
RRT = 100 kΩ
Figure 62. Converter Efficiency
LF = 47 µH
COUT = 47 µF
FSW(nom) = 200 kHz
RRT = 100 kΩ
Figure 63. Converter Regulation
Time Scale: 20 ms/Div
CH1: VSW, 5 V/Div
CH2: VOUT, 50 mV/Div
CH4: IL, 200 mA/Div
Figure 64. No Load Switching Waveforms
Time Scale: 5 µs/Div
CH1: VSW, 5 V/Div
CH2: VOUT, 50 mV/Div
CH4: IL, 200 mA/Div
Figure 65. Full Load Switching Waveforms
Time Scale: 2 ms/Div
CH1: VIN, 2 V/Div
CH2: VOUT, 1 V/Div
CH4: IL, 200 mA/Div
Figure 66. Full Load Startup
Time Scale: 100 µs/Div
CH1: VSW, 4 V/Div
CH4: IL, 200 mA/Div
Figure 67. Short Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com