Electronic Components Datasheet Search
  English  ▼

X  

LM5166 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LM5166
Description  3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5166 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LM5166 Datasheet HTML 37Page - Texas Instruments LM5166 Datasheet HTML 38Page - Texas Instruments LM5166 Datasheet HTML 39Page - Texas Instruments LM5166 Datasheet HTML 40Page - Texas Instruments LM5166 Datasheet HTML 41Page - Texas Instruments LM5166 Datasheet HTML 42Page - Texas Instruments LM5166 Datasheet HTML 43Page - Texas Instruments LM5166 Datasheet HTML 44Page - Texas Instruments LM5166 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
41
LM5166
www.ti.com
SNVSA67A – DECEMBER 2016 – REVISED DECEMBER 2016
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The LM5166 is designed to operate from an input voltage supply range between 3 V and 65 V. This input supply
should be able to withstand the maximum input current and maintain a voltage above 3 V. Ensure that the
resistance of the input supply rail is low enough that an input current transient does not cause a high enough
drop at the LM5166 supply voltage to cause a false UVLO fault triggering and system reset. If the input supply is
located more than a few inches from the LM5166 converter, additional bulk capacitance may be required in
addition to the ceramic bypass capacitors. A 10-μF electrolytic capacitor is a typical choice for this function,
whereby the capacitor ESR provides a level of damping against input filter resonances. A typical ESR of 0.5 Ω
provides enough damping for most input circuit configurations.
10 PCB Layout
The performance of any switching converter depends as much upon PCB layout as it does the component
selection. The following guidelines are provided to assist with designing a PCB with the best power conversion
performance, thermal performance, and minimized generation of unwanted EMI.
10.1 PCB Layout Guidelines
PCB layout is a critical portion of good power supply design. There are several paths that conduct high slew-rate
currents or voltages that can interact with stray inductance or parasitic capacitance to generate noise and EMI or
degrade the power supply performance.
1. To help eliminate these problems, bypass the VIN pin to GND with a low ESR ceramic bypass capacitor with
a high-quality dielectric. Place CIN as close as possible to the LM5166 VIN and GND pins. Grounding for
both the input and output capacitors should consist of localized top-side planes that connect to the GND pin
and GND PAD.
2. Minimize the loop area formed by the input filter capacitor connections to the VIN and GND pins.
3. Locate the filter inductor close to the SW pin. Minimize the area of the SW trace/plane to prevent excessive
capacitive coupling.
4. Tie the GND pin directly to the power pad under the device and to a heat-sinking PCB ground plane.
5. Use a ground plane in one of the middle layers as noise shielding and heat dissipation path.
6. Have a single-point ground connection to the plane. Route the ground connections for the feedback, soft-
start, and enable components to the ground plane. This prevents any switched or load currents from flowing
in analog ground traces. If not properly handled, poor grounding results in degraded load regulation or erratic
output voltage ripple behavior.
7. Make VIN, VOUT and ground bus connections as wide as possible. This reduces any voltage drops on the
input or output paths of the converter and maximizes efficiency.
8. Minimize trace length to the FB pin. Locate both feedback resistors, RFB1 and RFB2 close to the FB pin. Place
CFF (if needed) directly in parallel with RFB1. If output setpoint accuracy at the load is important, connect the
VOUT sense at the load. Route the VOUT sense path away from noisy nodes and preferably through a layer on
the other side of a shielding layer.
9. The RT pin is sensitive to noise. Thus, locate the RRT resistors as close as possible to the device and route
with minimal lengths of trace. The parasitic capacitance from RT to GND must not exceed 20 pF.
10. Provide adequate heat-sinking for the LM5166 to keep the junction temperature below 150°C. For operation
at full rated load, the top-side ground plane is an important heat-dissipating area. Use an array of heat-
sinking vias to connect the exposed pad to the PCB ground plane. If the PCB has multiple copper layers,
these thermal vias should also be connected to inner layer heat-spreading ground planes.
10.1.1 Compact PCB Layout for EMI Reduction
Radiated EMI generated by high di/dt components relates to pulsing currents in switching converters. The larger
area covered by the path of a pulsing current, the more electromagnetic emission is generated. The key to
minimize radiated EMI is to identify the pulsing current path and minimize the area of that path.
The critical switching loop of the power stage in terms of EMI is denoted in Figure 82. The topological
architecture of a buck converter means that a particularly high di/dt current path exists in the loop comprising the
input capacitor and the LM5166's integrated MOSFETs, and it becomes mandatory to reduce the parasitic
inductance of this loop by minimizing the effective loop area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com