Electronic Components Datasheet Search
  English  ▼

X  

LM5166 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5166
Description  3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5166 Datasheet(HTML) 1 Page - Texas Instruments

  LM5166 Datasheet HTML 1Page - Texas Instruments LM5166 Datasheet HTML 2Page - Texas Instruments LM5166 Datasheet HTML 3Page - Texas Instruments LM5166 Datasheet HTML 4Page - Texas Instruments LM5166 Datasheet HTML 5Page - Texas Instruments LM5166 Datasheet HTML 6Page - Texas Instruments LM5166 Datasheet HTML 7Page - Texas Instruments LM5166 Datasheet HTML 8Page - Texas Instruments LM5166 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
VOUT = 5 V
SW
VOUT
HYS
VIN
EN
SS
GND
RT
PGOOD
ILIM
LM5166
COUT
47 PF
CIN
2.2 PF
VIN = 3V...65V
IOUT = 500 mA
LF
150 PH
RRT
RESR
0.5 :
*VOUT tracks VIN if VIN < 5.5 V
Copyright © 2016, Texas Instruments Incorporated
Load (mA)
0.01
0.1
1
10
100
500
30
40
50
60
70
80
90
100
D001
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 65V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM5166
SNVSA67A – DECEMBER 2016 – REVISED DECEMBER 2016
LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
1
1 Features
1
•
Wide 3-V to 65-V Input Voltage Range
•
9.7-µA No-Load Quiescent Current
•
-40°C to 150°C Junction Temperature Range
•
Meets EN55022 and CISPR 22 EMI Standards
•
Integrated 1-Ω PFET Buck Switch
–
Supports 100% Duty Cycle for Low Dropout
•
Integrated 0.5-Ω NFET Synchronous Rectifier
–
Eliminates External Schottky Diode
•
Programmable Peak Current Limit Supports:
–
500 mA, 300 mA, or 200 mA Loads
•
Fixed (5 V, 3.3 V) or Adjustable VOUT Options
•
Two Selectable Control Options:
–
COT for Nearly Constant Frequency
–
PFM for Maximum Efficiency
•
1.223-V ±1.2% Internal Voltage Reference
•
Switching Frequency up to 600 kHz
•
900-µs Internal or Externally Adjustable Soft-Start
•
Diode Emulation and Pulse Skipping for Ultra-
High Light-Load Efficiency
•
No Loop Compensation or Bootstrap Components
•
Precision Enable/Input UVLO with Hysteresis
•
Open-Drain Power Good Indicator
•
Thermal Shutdown Protection with Hysteresis
•
Pin-to-pin Compatible with the LM5165
•
10-Pin, 3-mm x 3-mm VSON Package
2 Applications
•
Industrial control systems
•
High voltage LDO replacement
•
Low power bias supplies
•
Automotive and battery-powered applications
(1)
For all available package, see the Package Option Addendum
at the end of the datasheet.
3 Description
The LM5166 is a compact, easy-to-use, 3-V to 65-V,
ultra-low IQ synchronous buck converter with high
efficiency over wide input voltage and load current
ranges. With integrated high-side and low-side power
MOSFETs, up to 500 mA of output current can be
delivered at fixed output voltages of 3.3 V or 5 V, or
an adjustable output. The converter is designed to
simplify implementation while providing options to
optimize the performance for the target application.
Pulse Frequency Modulation (PFM) mode is selected
for optimal light-load efficiency or Constant On-Time
(COT)
control
for
nearly
constant
operating
frequency. Both control schemes do not require loop
compensation while providing excellent line and load
transient response and short PWM on-time for large
step-down conversion ratios.
The high-side p-channel MOSFET can operate at
100% duty cycle for lowest dropout voltage and does
not require a bootstrap capacitor for gate drive. Also,
the current limit setpoint is adjustable to optimize
inductor selection for a particular output current
requirement.
Selectable/adjustable
startup
timing
options
include
minimum
delay
(no
soft-start),
internally fixed (900 μs), and externally programmable
soft-start via an external capacitor. An open-drain
PGOOD indicator can be used for sequencing and
output voltage monitoring. The LM5166 is available in
a VSON-10 package with 0.5-mm pin pitch. To create
a custom regulator design, use the LM5166 with
WEBENCH® Power Designer.
Device Information(1)
ORDER NUMBER
PACKAGE
BODY SIZE (NOM)
LM5166
VSON (10)
3 mm x 3 mm
LM5166X
LM5166Y
Typical COT Mode Application
Typical COT Mode Application Efficiency


Similar Part No. - LM5166

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5166 TI1-LM5166 Datasheet
3Mb / 53P
3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
LM5166 TI2-LM5166 Datasheet
3Mb / 57P
LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED JUNE 2017
LM5166DRCR TI1-LM5166DRCR Datasheet
3Mb / 53P
3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
LM5166DRCR TI2-LM5166DRCR Datasheet
3Mb / 57P
LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED JUNE 2017
LM5166DRCR.A TI2-LM5166DRCR.A Datasheet
3Mb / 57P
LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED JUNE 2017
More results

Similar Description - LM5166

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
LM5165 TI1-LM5165 Datasheet
1Mb / 44P
3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165-Q1 TI1-LM5165-Q1 Datasheet
1Mb / 44P
3-V to 65-V Input, 150-mA Synchronous Buck Converter
TPS560200 TI1-TPS560200_16 Datasheet
992Kb / 22P
4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
LM5166 TI1-LM5166 Datasheet
3Mb / 53P
3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
LM5165-Q1 TI1-LM5165-Q1_17 Datasheet
1Mb / 47P
3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LMR36503 TI-LMR36503_V01 Datasheet
1Mb / 45P
LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
LMR36506 TI-LMR36506_V01 Datasheet
1Mb / 45P
LMR36506 3-V to 65-V, 0.6-A Ultra-Small Synchronous Buck Converter with 4 關A IQ
LMR36503 TI-LMR36503_V02 Datasheet
2Mb / 54P
LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
REVISED NOVEMBER 2022
LM5165-Q1 TI-LM5165-Q1_V01 Datasheet
2Mb / 52P
LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com