Electronic Components Datasheet Search
  English  ▼

X  

LM5166 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5166
Description  3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5166 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5166 Datasheet HTML 7Page - Texas Instruments LM5166 Datasheet HTML 8Page - Texas Instruments LM5166 Datasheet HTML 9Page - Texas Instruments LM5166 Datasheet HTML 10Page - Texas Instruments LM5166 Datasheet HTML 11Page - Texas Instruments LM5166 Datasheet HTML 12Page - Texas Instruments LM5166 Datasheet HTML 13Page - Texas Instruments LM5166 Datasheet HTML 14Page - Texas Instruments LM5166 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
0
10
20
30
40
50
D024
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
25
50
75
100
125
150
D025
11
LM5166
www.ti.com
SNVSA67A – DECEMBER 2016 – REVISED DECEMBER 2016
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified, VIN = 12 V, VOUT = 5 V. Please refer to Typical Applications for circuit designs.
Figure 25. Zero-Cross Current Threshold vs Temperature
Figure 26. PGOOD and HYS Pull-down RDS(on) vs
Temperature
Time Scale: 20 ms/Div
CH1: VSW, 5 V/Div
CH2: VOUT, 50 mV/Div
CH4: IL, 200 mA/Div
Figure 27. No Load Switching Waveforms, COT, Type 2
Time Scale: 10 µs/Div
CH1: VSW, 5 V/Div
CH2: VOUT, 50 mV/Div
CH4: IL, 200 mA/Div
Figure 28. Full Load Switching Waveforms, COT, Type 2
Time Scale: 2 ms/Div
CH1: VIN, 2 V/Div
CH2: VOUT, 1 V/Div
CH4: IL, 200 mA/Div
Figure 29. Full Load Startup, COT, Type 2
Time Scale: 100 µs/Div
CH1: VSW, 4 V/Div
CH4: IL, 200 mA/Div
Figure 30. Short Circuit, COT, Type 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com