Electronic Components Datasheet Search
  English  ▼

X  

HAL855 Datasheet(PDF) 68 Page - Micronas

Part # HAL855
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Datasheet(HTML) 68 Page - Micronas

Back Button HAL855 Datasheet HTML 64Page - Micronas HAL855 Datasheet HTML 65Page - Micronas HAL855 Datasheet HTML 66Page - Micronas HAL855 Datasheet HTML 67Page - Micronas HAL855 Datasheet HTML 68Page - Micronas HAL855 Datasheet HTML 69Page - Micronas HAL855 Datasheet HTML 70Page - Micronas HAL855 Datasheet HTML 71Page - Micronas HAL855 Datasheet HTML 72Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
68
Sept. 19, 2013; APN000046_03EN
Micronas
Fig. 6–1:
Definition of logical 0 and 1 bit
tr
tf
tp0
tp0
logical 0
VDDH
VDDL
or
tp0
logical 1
VDDH
VDDL
or
tp0
tp1
tp1
Table 6–3:
Telegram parameters
Symbol
Parameter
Pin
Min.
Typ.
Max.
Unit
Remarks
VDDL
Supply voltage for low level
during programming
15
5.6
6V
VDDH
Supply voltage for high level
during programming
1
6.8
8.0
8.5
V
VDDPROG
Supply voltage for permanent
storing of the data
1
4.9
5.0
5.1
V
tr
Rise time
1

0.05
ms
tf
Fall time
1

0.05
ms
tp0
Bit time on VDD
1
1.7
1.75
1.8
ms
tp0 is defined through the Sync bit
tpOUT
Bit time on output pin
3
2
3
4
ms
tpOUT is defined through the
Acknowledge bit
tp1
Voltage change for logical 1
1, 3
50
65
80
%
% of tp0 or tpOUT
tPROG
Programming time for EEPROM
1
95
100
105
ms
trp
Rise time of charging pulse
1
0.2
0.5
1
ms
tfp
Fall time of charging pulse
1
0
1ms
tw
Delay time of charging pulse after
Acknowledge
10.5
0.7
1ms
Vact
Voltage for an Activate pulse
3
0
0
0.5
V
tact
Duration of an Activate pulse
3
0.05
0.1
0.2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com