Electronic Components Datasheet Search
  English  ▼

X  

HAL855 Datasheet(PDF) 92 Page - Micronas

Part # HAL855
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Datasheet(HTML) 92 Page - Micronas

Back Button HAL855 Datasheet HTML 88Page - Micronas HAL855 Datasheet HTML 89Page - Micronas HAL855 Datasheet HTML 90Page - Micronas HAL855 Datasheet HTML 91Page - Micronas HAL855 Datasheet HTML 92Page - Micronas HAL855 Datasheet HTML 93Page - Micronas HAL855 Datasheet HTML 94Page - Micronas HAL855 Datasheet HTML 95Page - Micronas HAL855 Datasheet HTML 96Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
92
Sept. 19, 2013; APN000046_03EN
Micronas
7.3.4.
Number Formats
Binary number:
The most significant bit is given as first, the least significant bit as last digit.
Example:
101001 represents 41 decimal.
Signed binary number:
The first digit represents the sign of the following binary number (1 for negative, 0 for
positive sign).
Example:
0101001 represents +41 decimal
1101001 represents
41 decimal
Two’s-complementary
number:
The first digit of positive numbers is “0”, the rest of the number is a binary number. Neg-
ative numbers start with “1”. In order to calculate the absolute value of the number, cal-
culate the complement of the remaining digits and add “1”.
Example:
0101001 represents +41 decimal
1010111 represents
41 decimal
Table 7–5:
Available register addresses
Register
Code
Data
Bits
Format
Customer
Remark
CURRENT-
SOURCE
1
10
binary
read/write/program
Used to define output slew rate
and output current levels
(IDD_HIGH and IDD_LOW)
PARTNUMBER
2
11
binary
read/write/program
Only with BiPhase-M mode
SHIFT
3
11
two’s compl.
read/write/program
SLOPE
4
14
signed binary
read/write/program
MODE
5
14
binary
read/write/program
range, filter and output format
settings
LOCK
6
1
binary
write/program
lock bit
DIGITAL
READOUT
7
12
binary
read
digital value after signal
processing
OFFSET
CORRECTION
85two’s compl.
(4 LSBs)
read/write/program
compensation of system offsets
SPECIALCUST.
9
6
binary
read/write/program
special customer register to
define Biphase-M bittime and
Partnumber Enable
TC
11
6
signed binary
(6 LSBs)
read/write/program
linear temperature coefficient
TCSQ
12
5
binary
read/write/program
quadratic temperature
coefficient
CURVE LOW
0...15
9
binary
write/read/program
setpoints 0 to 15
CURVE HIGH
0...15
9
binary
write/read/program
setpoints 16 to 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com