Electronic Components Datasheet Search
  English  ▼

X  

HAL855 Datasheet(PDF) 15 Page - Micronas

Part # HAL855
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Datasheet(HTML) 15 Page - Micronas

Back Button HAL855 Datasheet HTML 11Page - Micronas HAL855 Datasheet HTML 12Page - Micronas HAL855 Datasheet HTML 13Page - Micronas HAL855 Datasheet HTML 14Page - Micronas HAL855 Datasheet HTML 15Page - Micronas HAL855 Datasheet HTML 16Page - Micronas HAL855 Datasheet HTML 17Page - Micronas HAL855 Datasheet HTML 18Page - Micronas HAL855 Datasheet HTML 19Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
15
3.4.
Maintenance and Calibration
We recommend sending the programmer board back to the supplier for maintenance
and calibration of the voltage levels after one year of operation.
The Hall programmer board must not be maintained or repaired by the customer. In
case of any problems or defects, please contact your supplier.
WARNING: Do not modify any part of the Hall programmer board V 5.1, nor readjust
any trimming potentiometer. Otherwise, the board may be damaged, the
sensor programming may be insufficient, and the reliability of the sensor
reduced.
Fig. 3–1:
Recommended wiring
 schematic sketch
Customer Application
VDD
GND
VOUT
Programmer Board V 5.1
L
Table 3–2:
Recommended cable parameters
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
R0
Ohmic Resistance per Wire
15
I < 10 mA
C0
Capacitance
80
120
pF
Z
Impedance
50

L
Length

1m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com