Electronic Components Datasheet Search
  English  ▼

X  

HAL855 Datasheet(PDF) 94 Page - Micronas

Part # HAL855
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Datasheet(HTML) 94 Page - Micronas

Back Button HAL855 Datasheet HTML 90Page - Micronas HAL855 Datasheet HTML 91Page - Micronas HAL855 Datasheet HTML 92Page - Micronas HAL855 Datasheet HTML 93Page - Micronas HAL855 Datasheet HTML 94Page - Micronas HAL855 Datasheet HTML 95Page - Micronas HAL855 Datasheet HTML 96Page - Micronas HAL855 Datasheet HTML 97Page - Micronas HAL855 Datasheet HTML 98Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
94
Sept. 19, 2013; APN000046_03EN
Micronas
DIGITAL-READOUT
– This register is read only.
– The register range is from 0
up to 4095.
OFFSET CORRECTION
– The register range is from 0 to 31
– The MSB is set to activate the offset correction.
CURRENTSOURCE
– The register range is from 0 to 1023 and contains the settings for LOW CURRENT,
HIGH CURRENT, and SLEW RATE:
SPECIAL CUSTOMER
– The register range is from 0 to 63 and contains the settings for OUTPUT BITTIME
and PARTNUMBER ENABLE:
7.3.6.
Programming Information
If the content of any register is to be changed, the desired value must first be written
into the corresponding RAM register. Before reading out the RAM register again, the
register value must be permanently stored in the EEPROM.
Permanently storing a value in the EEPROM is done by first sending an ERASE com-
mand followed by sending a PROM command and a read command. The address
within the ERASE and PROM commands is not important. ERASE and PROM act on
all registers in parallel.
If all HAL856 registers are to be changed, all writing commands can be sent one after
the other, followed by sending one ERASE and PROM command at the end.
During all communication sequences, the customer has to check if the communication
with the sensor was successful. This means that the acknowledge and the parity bits
sent by the sensor have to be checked by the customer. If the Micronas programmer
board is used, the customer has to check the error flags sent from the programmer
board. It is recommended to use the programmer board version 5.1.
Note: For production and qualification tests, it is mandatory to set the Lock bit after
final adjustment and programming of HAL856. The Lock function is active after
the next power-up of the sensor.
The success of the Lock process should be checked by reading at least one
sensor register after locking and/or by an analog check of the sensor’s output
signal.
Electrostatic Discharges (ESD) may disturb the programming pulses. Please
take precautions against ESD.
CURRENTSOURCE
SLEW RATE
256
LOW CURRENT
+
8
HIGH CURR ENT
+
=
SPECIAL CUSTOMER
PARTNUMBER ENABLE
16
OUTPUT
+
BITTIME
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com