Electronic Components Datasheet Search
  English  ▼

X  

HAL855 Datasheet(PDF) 100 Page - Micronas

Part # HAL855
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Datasheet(HTML) 100 Page - Micronas

Back Button HAL855 Datasheet HTML 94Page - Micronas HAL855 Datasheet HTML 95Page - Micronas HAL855 Datasheet HTML 96Page - Micronas HAL855 Datasheet HTML 97Page - Micronas HAL855 Datasheet HTML 98Page - Micronas HAL855 Datasheet HTML 99Page - Micronas HAL855 Datasheet HTML 100Page - Micronas HAL855 Datasheet HTML 101Page - Micronas HAL855 Datasheet HTML 102Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 100 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
100
Sept. 19, 2013; APN000046_03EN
Micronas
Fig. 7–7:
Calibration procedure
BEGIN
WRITE COMMON REGISTER SETTINGS
STX e 3 1 5 0 0 0 8 0 0 ETX
[Write Mode: 30 mT / 80 Hz /
Format PWM / Period 128 ms]
STX e 3 1 b 1 0 0 1 2 1 ETX
[Write TC 18]
STX e 3 1 c 0 0 0 0 A 1 ETX [Write TCSQ 10]
READ DOUT 1
AT CALIBRATION POINT 1
STX q 0 1 7 1 ETX
READ DOUT 2
AT CALIBRATION POINT 2
STX q 0 1 7 1 ETX
CALCULATE Sensitivity AND Voq
WRITE SHIFT AND SLOPE
STX e 3 1 3 0 DATA DP ETX [Write SHIFT]
STX e 3 1 4 1 DATA DP ETX [Write SLOPE]
END
STORE
STORE
INITIALIZE DSP FOR CALIBRATION
STX e 3 1 3 0 0 2 0 0 0 ETX
[Write Shift 50 %]
STX e 3 1 4 1 0 2 1 0 1 ETX
[Write Slope 0.2578, because
3 dB Filter Frequency = 80 Hz]
WRITE OUTPUT CHARACTERISTIC
LINEAR (STANDARD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com