Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 287 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 287 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 283Page - National Semiconductor (TI) SC2200 Datasheet HTML 284Page - National Semiconductor (TI) SC2200 Datasheet HTML 285Page - National Semiconductor (TI) SC2200 Datasheet HTML 286Page - National Semiconductor (TI) SC2200 Datasheet HTML 287Page - National Semiconductor (TI) SC2200 Datasheet HTML 288Page - National Semiconductor (TI) SC2200 Datasheet HTML 289Page - National Semiconductor (TI) SC2200 Datasheet HTML 290Page - National Semiconductor (TI) SC2200 Datasheet HTML 291Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 433 page
background image
Revision 3.0
287
www.national.com
Core Logic Module (Continued)
Offset 08h-0Bh
I/O Control Register 3 (R/W)
Reset Value: 00009000h
31:16
Reserved. Write as read.
15:13
IO_USB_XCVR_VADJ (USB Voltage Adjustment Connection). These bits connect to the voltage adjustment interface on
the three USB transceivers. Default = 100.
12:8
IO_USB_XCVT_CADJ (USB Current Adjustment). These bits connect to the current adjustment interface on the three
USB transceivers. Default = 10000.
7
IO_TEST_PORT_EN (Debug Test Port Enable).
0: Disable
1: Enable
6:0
IO_TEST_PORT_REG (Debug Port Pointer). These bits are used to point to the 16-bit slice of the test port bus.
Table 5-40. F5BAR0+I/O Offset: X-Bus Expansion Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com