Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 294 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 294 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 290Page - National Semiconductor (TI) SC2200 Datasheet HTML 291Page - National Semiconductor (TI) SC2200 Datasheet HTML 292Page - National Semiconductor (TI) SC2200 Datasheet HTML 293Page - National Semiconductor (TI) SC2200 Datasheet HTML 294Page - National Semiconductor (TI) SC2200 Datasheet HTML 295Page - National Semiconductor (TI) SC2200 Datasheet HTML 296Page - National Semiconductor (TI) SC2200 Datasheet HTML 297Page - National Semiconductor (TI) SC2200 Datasheet HTML 298Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 433 page
background image
www.national.com
294
Revision 3.0
Core Logic Module (Continued)
Offset 2Ch-2Fh
HcBulkCurrentED Register (R/W)
Reset Value = 00000000h
31:4
BulkCurrentED. Pointer to the current Bulk List ED.
3:0
Reserved. Read/Write 0s.
Offset 30h-33h
HcDoneHead Register (R/W)
Reset Value = 00000000h
31:4
DoneHead. Pointer to the current Done List Head ED.
3:0
Reserved. Read/Write 0s.
Offset 34h-37h
HcFmInterval Register (R/W)
Reset Value = 00002EDFh
31
FrameIntervalToggle (Read Only). This bit is toggled by HCD when it loads a new value into FrameInterval.
30:16
FSLargestDataPacket (Read Only). This field specifies a value which is loaded into the Largest Data Packet Counter at
the beginning of each frame.
15:14
Reserved. Read/Write 0s.
13:0
FrameInterval. This field specifies the length of a frame as (bit times - 1). For 12,000 bit times in a frame, a value of 11,999
is stored here.
Offset 38h-3Bh
HcFrameRemaining Register (RO)
Reset Value = 00000000h
31
FrameRemainingToggle (Read Only). Loaded with FrameIntervalToggle when FrameRemaining is loaded.
30:14
Reserved. Read 0s.
13:0
FrameRemaining (Read Only). When the HC is in the UsbOperational state, this 14-bit field decrements each 12 MHz
clock period. When the count reaches 0, (end of frame) the counter reloads with FrameInterval. In addition, the counter
loads when the HC transitions into UsbOperational.
Offset 3Ch-3Fh
HcFmNumber Register (RO)
Reset Value = 00000000h
31:16
Reserved. Read 0s.
15:0
FrameNumber (Read Only). This 16-bit incrementing counter field is incremented coincident with the loading of FrameR-
emaining. The count rolls over from FFFFh to 0h.
Offset 40h-43h
HcPeriodicStart Register (R/W)
Reset Value = 00000000h
31:14
Reserved. Read/Write 0s.
13:0
PeriodicStart. This field contains a value used by the List Processor to determine where in a frame the Periodic List pro-
cessing must begin.
Offset 44h-47h
HcLSThreshold Register (R/W)
Reset Value = 00000628h
31:12
Reserved. Read/Write 0s.
11:0
LSThreshold. This field contains a value used by the Frame Management block to determine whether or not a low speed
transaction can be started in the current frame.
Offset 48h-4Bh
HcRhDescriptorA Register (R/W)
Reset Value = 01000003h
31:24
PowerOnToPowerGoodTime. This field value is represented as the number of 2 ms intervals, ensuring that the power
switching is effective within 2 ms. Only bits [25:24] are implemented as R/W. The remaining bits are read only as 0. It is not
expected that these bits be written to anything other than 1h, but limited adjustment is provided. This field should be written
to support system implementation. This field should always be written to a non-zero value.
23:13
Reserved. Read/Write 0s.
12
NoOverCurrentProtection. This bit should be written to support the external system port over-current implementation.
0: Over-current status is reported.
1: Over-current status is not reported.
11
OverCurrentProtectionMode. This bit should be written 0 and is only valid when NoOverCurrentProtection is cleared.
0: Global Over-Current.
1: Individual Over-Current
10
DeviceType (Read Only). USB is not a compound device.
Table 5-42. USB_BAR+Memory Offset: USB Controller Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com