Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 391 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 391 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 387Page - National Semiconductor (TI) SC2200 Datasheet HTML 388Page - National Semiconductor (TI) SC2200 Datasheet HTML 389Page - National Semiconductor (TI) SC2200 Datasheet HTML 390Page - National Semiconductor (TI) SC2200 Datasheet HTML 391Page - National Semiconductor (TI) SC2200 Datasheet HTML 392Page - National Semiconductor (TI) SC2200 Datasheet HTML 393Page - National Semiconductor (TI) SC2200 Datasheet HTML 394Page - National Semiconductor (TI) SC2200 Datasheet HTML 395Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 433 page
background image
Revision 3.0
391
www.national.com
Electrical Specifications (Continued)
Table 8-24. Register Transfer to/from Device Timing Parameters
Symbol
Parameter
Mode 0
(ns)
Mode 1
(ns)
Mode 2
(ns)
Mode 3
(ns)
Mode 4
(ns)
t0
Cycle time1 (min)
1.
t0 is the minimum total cycle time, t2 is the minimum command active time, and t2i is the minimum command recovery
time or command inactive time. The actual cycle time equals the sum of the command active time and the command
inactive time. The three timing requirements of t0,t2, and t2i are met. The minimum total cycle time requirements is
greater than the sum of t2 and t2i. (This means that a host implementation can lengthen t2 and/or t2i to ensure that t0 is
equal to or greater than the value reported in the device’s IDENTIFY DEVICE data.)
600
383
240
180
120
t1
Address valid to IDE_IOR[0:1]#/ IDE_IOW[0:1]#
setup (min)
70
50
30
30
25
t2
IDE_IOR[0:1]#/IDE_IOW[0:1]# pulse width 8-bit1
(min)
290
290
290
80
70
t2i
IDE_IOR[0:1]#/IDE_IOW[0:1]# recovery time1
(min)
--
-
70
25
t3
IDE_IOW[0:1]# data setup (min)
60
45
30
30
20
t4
IDE_IOW[0:1]# data hold (min)
30
20
15
10
10
t5
IDE_IOR[0:1]# data setup (min)
50
35
20
20
20
t6
IDE_IOR[0:1]# data hold (min)
5
5
5
5
5
t6Z
IDE_IOR[0:1]# data TRI-STATE2 (max)
2.
This parameter specifies the time from the rising edge of IDE_IOR[0:1]# to the time that the data bus is no longer driven
by the device (TRI-STATE).
30
30
30
30
30
t9
IDE_IOR[0:1]#/IDE_IOW[0:1]# to address valid
hold (min)
20
15
10
10
10
tRD
Read Data Valid to IDE_IORDY[0:1] active (if
IDE_IORDY[0:1] initially low after tA (min)
0
0
000
tA
IDE_IORDY[0:1] Setup time3
3.
The delay from the activation of IDE_IOR[0:1]# or IDE_IOW[0:1]# until the state of IDE_IORDY[0,1] is first sampled. If
IDE_IORDY[0:1] is inactive, then the host waits until IDE_IORDY[0:1] is active before the PIO cycle is completed. If the
device is not driving IDE_IORDY[0:1] negated after activation (tA) of IDE_IOR[0:1]# or IDE_IOW[0:1]#, then t5 is met
and tRD is not applicable. If the device is driving IDE_IORDY[0:1] negated after activation (tA) of IDE_IOR[0:1]# or
IDE_IOW[0:1]#, then tRD is met and t5 is not applicable.
35
35
35
35
35
tB
IDE_IORDY[0:1] Pulse Width (max)
1250
1250
1250
1250
1250
tC
IDE_IORDY[0:1] assertion to release (max)
5
5
5
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com