Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 395 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 395 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 391Page - National Semiconductor (TI) SC2200 Datasheet HTML 392Page - National Semiconductor (TI) SC2200 Datasheet HTML 393Page - National Semiconductor (TI) SC2200 Datasheet HTML 394Page - National Semiconductor (TI) SC2200 Datasheet HTML 395Page - National Semiconductor (TI) SC2200 Datasheet HTML 396Page - National Semiconductor (TI) SC2200 Datasheet HTML 397Page - National Semiconductor (TI) SC2200 Datasheet HTML 398Page - National Semiconductor (TI) SC2200 Datasheet HTML 399Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 433 page
background image
Revision 3.0
395
www.national.com
Electrical Specifications (Continued)
Table 8-26. Multiword DMA Data Transfer Timing Parameters
Symbol
Parameter
Mode 0
(ns)
Mode 1
(ns)
Mode 2
(ns)
t0
Cycle time1 (min)
1.
t0 is the minimum total cycle time, tD is the minimum command active time, and tKR or tKW is the minimum command
recovery time or command inactive time. The actual cycle time equals the sum of the command active time and the
command inactive time. The three timing requirements of t0,tD and tKR/KW, are met. The minimum total cycle time re-
quirement t0 is greater than the sum of tD and tKR/KW. (This means that a host implementation can lengthen tD and/or
tKR/KW to ensure that t0 is equal to or greater than the value reported in the device’s IDENTIFY DEVICE data.)
480
150
120
tD
IDE_IOR[0:1]#/IDE_IOW[0:1]# (min)
215
80
70
tE
IDE_IOR[0:1]# data access (max)
150
60
50
tF
IDE_IOR[0:1]# data hold (min)
5
5
5
tG
IDE_IOW[0:1]#/IDE_IOW[0:1]# data setup (min)
100
30
20
tH
IDE_IOW[0:1]# data hold (min)
20
15
10
tI
IDE_DACK[0:1]# to IDE_IOR[0:1]#/IDE_IOW[0:1]# setup (min)
0
0
0
tJ
IDE_IOR[0:1]#/IDE_IOW[0:1]# to IDE_DACK[0:1]# hold (min)
20
5
5
tKR
IDE_IOR[0:1]# negated pulse width (min)
50
50
25
tKW
IDE_IOW[0:1]# negated pulse width (min)
215
50
25
tLR
IDE_IOR[0:1]# to IDE_DREQ[0:1] delay (max)
120
40
35
tLW
IDE_IOW[0:1]# to IDE_DREQ0,1 delay (max)
40
40
35
tM
IDE_CS[0:1]# valid to IDE_IOR[0:1]#/IDE_IOW[0:1]# (min)
50
30
25
tN
IDE_CS[0:1]# hold
15
10
10
tZ
IDE_DACK[0:1]# to TRI-STATE
20
25
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com