Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 397 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 397 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 393Page - National Semiconductor (TI) SC2200 Datasheet HTML 394Page - National Semiconductor (TI) SC2200 Datasheet HTML 395Page - National Semiconductor (TI) SC2200 Datasheet HTML 396Page - National Semiconductor (TI) SC2200 Datasheet HTML 397Page - National Semiconductor (TI) SC2200 Datasheet HTML 398Page - National Semiconductor (TI) SC2200 Datasheet HTML 399Page - National Semiconductor (TI) SC2200 Datasheet HTML 400Page - National Semiconductor (TI) SC2200 Datasheet HTML 401Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 433 page
background image
Revision 3.0
397
www.national.com
Electrical Specifications (Continued)
Table 8-27. UltraDMA Data Burst Timing Parameters
Symbol
Parameter
Mode 0 (ns)
Mode 1 (ns)
Mode 2 (ns)
Min
Max
Min
Max
Min
Max
t2CYC
Typical sustained average two cycle time
240
160
120
Two cycle time allowing for clock variations (from rising
edge to next rising edge or from falling edge to next falling
edge of STROBE)
235
156
117
tCYC
Cycle time allowing for asymmetry and clock variations
(from STROBE edge to STROBE edge)
114
75
55
tDS
Data setup time (at recipient)
15
10
7
tDH
Data hold time (at recipient)
5
5
5
tDVS
Data valid setup time at sender (from data bus being valid
until STROBE edge)
70
48
34
tDVH
Data valid hold time at sender (from STROBE edge until
data may become invalid)
666
tFS
First STROBE time (for device to first negate
IDE_IRDY[0:1] (DSTROBE[0:1]) from IDE_IOW[0:1]#
(STOP[0:1]) during a data in burst)
0
230
0
200
0
170
tLI
Limited interlock time1
1.
tUI,tMLI,and tLI indicate sender-to-recipient or recipient-to-sender interlocks, that is, one agent (either sender or recipi-
ent) is waiting for the other agent to respond with a signal before proceeding. tUI is an unlimited interlock with no maxi-
mum time value. tMLI is a limited time-out with a defined minimum. tLI is a limited time-out with a defined maximum.
0
150
0
150
0
150
tMLI
Interlock time with minimum1
20
20
20
tUI
Unlimited interlock time1
000
tAZ
Maximum time allowed for output drivers to release (from
being asserted or negated)
10
10
10
tZAH
Minimum delay time required for output drivers to assert or
negate (from released state)
20
20
20
tZAD
000
tENV
Envelope time (from IDE_DACK[0:1]# to IDE_IOW[0:1]#
(STOP[0:1]) and IDE_IOR[0:1]# (HDMARDY[0:1]#) during
data out burst initiation)
20
70
20
70
20
70
tSR
STROBE to DMARDY time (if DMARDY# is negated before
this long after STROBE edge, the recipient shall receive no
more than one additional data WORD)
50
30
20
tRFS
Ready-to-final-STROBE time (no STROBE edges shall be
sent this long after negation of DMARDY#)
75
60
50
tRP
Ready-to-pause time (time that recipient shall wait to ini-
tiate pause after negating DMARDY#)
160
125
100
tIORDYZ
Pull-up time before allowing IDE_IORDY[0:1] to be
released
20
20
20
tZIORDY
Minimum time device shall wait before driving
IDE_IORDY[0:1]
000
TACK
Setup and hold times for IDE_DACK[0:1]# (before asser-
tion or negation)
20
20
20
TSS
Time from STROBE edge to negation of IDE_DREQ[0:1]
or assertion of IDE_IOW[0:1]# (STOP[0:1]) (when sender
terminates a burst)
50
50
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com